Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2008 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2008
Description  PWM BUCK CONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2008 Datasheet(HTML) 7 Page - Diodes Incorporated

  AP2008 Datasheet HTML 1Page - Diodes Incorporated AP2008 Datasheet HTML 2Page - Diodes Incorporated AP2008 Datasheet HTML 3Page - Diodes Incorporated AP2008 Datasheet HTML 4Page - Diodes Incorporated AP2008 Datasheet HTML 5Page - Diodes Incorporated AP2008 Datasheet HTML 6Page - Diodes Incorporated AP2008 Datasheet HTML 7Page - Diodes Incorporated AP2008 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AP2008
PWM BUCK CONTROLLER
AP2008 Rev. 2
7 of 8
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Characteristics
(Continued)
SOFT-START TIME (Ts)
vs.
SOFT-START CAPACITOR (Css)
0
5
10
15
20
25
30
25
50
75
100
125
150
175
200
Css (nF)
(1) SOP-8L
( Top View )
AP2008
YY WW X X
Logo
Part Number
5
8
4
1
WW : Week : 01~52; 52
YY : Year : 08, 09,10~
G : Green
X : Internal Code
represents 52 and 53 week
L : Lead Free
Marking Information


Similar Part No. - AP2008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2008 ETC-AP2008 Datasheet
108Kb / 2P
   10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Diodes Incorporated
AP2008 DIODES-AP2008 Datasheet
291Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
logo
Teledyne Technologies I...
AP2008 TELEDYNE-AP2008 Datasheet
165Kb / 2P
   10 TO 2000 MHz TO-8 CASCADABLE AMPLIFIER
logo
Diodes Incorporated
AP2008S DIODES-AP2008S Datasheet
291Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2008SG-13 DIODES-AP2008SG-13 Datasheet
291Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
More results

Similar Description - AP2008

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404 Datasheet
131Kb / 5P
   PWM Buck Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
246Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 2
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 3
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
   PWM Buck Controller
logo
Diodes Incorporated
AP2008 DIODES-AP2008 Datasheet
291Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com