Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1507-XXD5 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP1507-XXD5
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1507-XXD5 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP1507-XXD5 Datasheet HTML 3Page - Diodes Incorporated AP1507-XXD5 Datasheet HTML 4Page - Diodes Incorporated AP1507-XXD5 Datasheet HTML 5Page - Diodes Incorporated AP1507-XXD5 Datasheet HTML 6Page - Diodes Incorporated AP1507-XXD5 Datasheet HTML 7Page - Diodes Incorporated AP1507-XXD5 Datasheet HTML 8Page - Diodes Incorporated AP1507-XXD5 Datasheet HTML 9Page - Diodes Incorporated AP1507-XXD5 Datasheet HTML 10Page - Diodes Incorporated AP1507-XXD5 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AP1507
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev.
2
7 of 11
FEBRUARY 2008
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
AP1507 Threshold Voltage vs. Temperature
(Vcc = 12V, Io = 100mA)
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
-50 -30 -10
10
30
50
70
90 110 130 150
Temperature (TA) (°C)
AP1507 ON/OFF Current vs. ON/OFF Voltage
(Vin= 12V)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
0
3
6
9
12
15
18
21
ON/OFF Voltage (V)
AP1507 Frequency vs. Temperature
(Vcc = 12V, Io = 500mA, Vout = 5V)
140
145
150
155
160
165
170
-50 -30 -10 10
30
50
70
90 110 130 150
Temperature (TA) (°C)
AP1507 Feedback Current vs. Temperature
(Vcc = 12V, Vout = 5V, Vfb = 1.3V)
-50
-40
-30
-20
-10
0
10
-50 -30 -10 10
30
50
70
90 110 130 150
Temperature (TA) (°C)
AP1507 Output Voltage vs. Temperature
(Vin = 12V, Io = 3A)
2.9
2.95
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3.4
3.45
3.5
-40 -20
0
20
40
60
80 100 120 140 160
Temperature (TA) (°C)


Similar Part No. - AP1507-XXD5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507-XXD5 DIODES-AP1507-XXD5 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
More results

Similar Description - AP1507-XXD5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com