Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1084TXXL-U Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP1084TXXL-U
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1084TXXL-U Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP1084TXXL-U Datasheet HTML 3Page - Diodes Incorporated AP1084TXXL-U Datasheet HTML 4Page - Diodes Incorporated AP1084TXXL-U Datasheet HTML 5Page - Diodes Incorporated AP1084TXXL-U Datasheet HTML 6Page - Diodes Incorporated AP1084TXXL-U Datasheet HTML 7Page - Diodes Incorporated AP1084TXXL-U Datasheet HTML 8Page - Diodes Incorporated AP1084TXXL-U Datasheet HTML 9Page - Diodes Incorporated AP1084TXXL-U Datasheet HTML 10Page - Diodes Incorporated AP1084TXXL-U Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AP1084
5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1084 Rev. 9
10 of 11
JANUARY 2010
DS31070
www.diodes.com
© Diodes Incorporated
Package Information
(Continued)
(3) Package type: TO220-3L
3.55/4.85
Typ 4.20
0.51/1.40
Typ 0.95
0.31/1.14
Typ 0.72
9.70/10.70
Typ 10.20
0.51/1.14
Typ 0.83
4.83/5.33
Typ 5.08
1.14/1.78
Typ 1.46
3.53/4.09
Typ 3.81
5.84/6.86
Typ 6.35
2.54/3.43
Typ 2.98
3.66/6.35
Typ 5.00
2.03/2.92
Typ 2.48
2.99/2.79
Typ 2.54


Similar Part No. - AP1084TXXL-U

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084T ANACHIP-AP1084T Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084T DIODES-AP1084T Datasheet
166Kb / 10P
   5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
logo
Anachip Corp
AP1084T ANACHIP-AP1084T Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084T15 ANACHIP-AP1084T15 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084T15 ANACHIP-AP1084T15 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1084TXXL-U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com