Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1084KXXL-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1084KXXL-13
Description  5A LOW DROPOUT POSITIVE ADJUSTABLE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1084KXXL-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1084KXXL-13 Datasheet HTML 1Page - Diodes Incorporated AP1084KXXL-13 Datasheet HTML 2Page - Diodes Incorporated AP1084KXXL-13 Datasheet HTML 3Page - Diodes Incorporated AP1084KXXL-13 Datasheet HTML 4Page - Diodes Incorporated AP1084KXXL-13 Datasheet HTML 5Page - Diodes Incorporated AP1084KXXL-13 Datasheet HTML 6Page - Diodes Incorporated AP1084KXXL-13 Datasheet HTML 7Page - Diodes Incorporated AP1084KXXL-13 Datasheet HTML 8Page - Diodes Incorporated AP1084KXXL-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP1084
5A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1084 Rev. 9
5 of 11
JANUARY 2010
DS31070
www.diodes.com
© Diodes Incorporated
Electrical Characteristics (Under Operating Conditions)
Symbol
Parameter
Conditions
Min
Typ.
Max
Unit
VREF
Reference
Voltage
Io = 10mA, TA = 25
oC, (V
IN-VOUT) = 1.5V
1.225
1.250
1.275
V
Line
Regulation
AP1084-XXX IO = 10mA, VOUT+1.5V<VIN<12V, TA = 25
oC
0.2
%
AP1084-1.5
IOUT = 10mA, TA = 25
oC, 3V≦V
IN≦12V
1.470
1.500
1.530
V
AP1084-1.8
IOUT = 10mA, TA = 25
oC, 3.3V≦V
IN≦12V
1.764
1.800
1.836
V
AP1084-2.5
IOUT = 10mA, TA = 25
oC, 4V≦V
IN≦12V
2.450
2.500
2.550
V
AP1084-3.3
IOUT = 10mA, TA = 25
oC, 4.8V≦V
IN≦12V
3.235
3.300
3.365
V
AP1084-5.0
IOUT = 10mA, TA = 25
oC, 6.5V≦V
IN≦12V
4.900
5.000
5.100
V
Load
Regulation
AP1084-Adj
VIN = 3.3V, 0mA<Io<5A, TA = 25
oC
1
%
AP1084-1.5
VIN = 3V, 0mA<Io<5A, TA = 25
oC
(Note 3, 4)
12
15
mV
AP1084-1.8
VIN = 3.3V, 0mA<Io<5A
TA = 25
oC (Note 3, 4)
15
18
mV
AP1084-2.5
VIN = 4V, 0mA < Io < 5A
TA = 25
oC (Note 3, 4)
20
25
mV
AP1084-3.3
VIN = 5V, 0mA < Io < 5A, TA = 25
oC (Note 3, 4)
26
33
mV
AP1084-5.0
VIN = 8V, 0mA < Io < 5A, TA = 25
oC
(Note 3, 4)
40
50
mV
ΔVo
Dropout
Voltage
Io = 5.0A (ΔVOUT = 1% VOUT)
1.3
1.4
V
Current Limit
VIN-VOUT = 5V
5.1
A
Minimum Load
Current
5
10
mA
Temperature
Stability
Io = 10mA
0.5
%
TSD
Thermal
Shutdown
Temperature
150
OC
θ
JA
Thermal
Resistance
Junction-to-
Ambient
(Note 5)
TO220-3L
78
OC/W
TO252-3L
73
TO263-3L
60
θ
JC
Thermal
Resistance
Junction-to-
Case (Note 5)
TO220-3L:Control Circuitry/Power Transistor
3.5
OC/W
TO252-3L:Control Circuitry/Power Transistor
12
TO263-3L:Control Circuitry/Power Transistor
3.5
Notes:
3. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
4. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference
between input and output and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.
5. Test conditions for TO220-3L, TO252-3L and TO263-3L: Devices mounted on FR-4 substrate, single sided PC board, 2oz copper, with minimum
recommended pay layout, no air flow. The case point of
θ
JC is located on the thermal tab.


Similar Part No. - AP1084KXXL-13

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1084K ANACHIP-AP1084K Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1084K DIODES-AP1084K Datasheet
166Kb / 10P
   5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1084 Rev. 1
logo
Anachip Corp
AP1084K ANACHIP-AP1084K Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084K15 ANACHIP-AP1084K15 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1084K15 ANACHIP-AP1084K15 Datasheet
183Kb / 6P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - AP1084KXXL-13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GS1084 VISHAY-GS1084 Datasheet
57Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
26-Mar-02
logo
Analog Intergrations Co...
AIC1084 AIC-AIC1084 Datasheet
104Kb / 6P
   5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1050 IRF-IRU1050 Datasheet
105Kb / 12P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084MK LINER-RH1084MK_15 Datasheet
87Kb / 2P
   5A Low Dropout Positive Adjustable Regulator
RH1084 LINER-RH1084_15 Datasheet
85Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
logo
UNISEM
US1050 UNISEM-US1050 Datasheet
52Kb / 7P
   5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1084 LINER-RH1084 Datasheet
62Kb / 4P
   5A Low Dropout Positive Adjustable Regulator
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com