Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP432SAG-7 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP432SAG-7
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP432SAG-7 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP432SAG-7 Datasheet HTML 4Page - Diodes Incorporated AP432SAG-7 Datasheet HTML 5Page - Diodes Incorporated AP432SAG-7 Datasheet HTML 6Page - Diodes Incorporated AP432SAG-7 Datasheet HTML 7Page - Diodes Incorporated AP432SAG-7 Datasheet HTML 8Page - Diodes Incorporated AP432SAG-7 Datasheet HTML 9Page - Diodes Incorporated AP432SAG-7 Datasheet HTML 10Page - Diodes Incorporated AP432SAG-7 Datasheet HTML 11Page - Diodes Incorporated AP432SAG-7 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AP432/AP432A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A
Document number: DS31003 Rev. 16 - 2
8 of 14
www.diodes.com
June 2010
© Diodes Incorporated
Ordering Information
AP432 X XX X - X
Reference Voltage
Package
Tolerance
Blank : +/- 1%
A : +/- 0.5%
Packing
Blank : SOP-8L
Y : SOT89-3L
V : TO92-3L
SA : SOT23
W : SC59
R : SC59R
Q : SOT25
Lead Free
L : Lead Free
G : Green (Note 6)
7/13 : Tape & Reel
A : Ammo Box (Note 7)
SR : SOT23R
Device
(Note 8)
Package
Code
Packaging
(Note 9)
7”/13 Tape and Reel
Ammo Box
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP432(A)SAG-7
SA
SOT23
3000/Tape & Reel
-7
NA
NA
AP432(A)SRG-7
SR
SOT23R
3000/Tape & Reel
-7
NA
NA
AP432(A)QL-7
Q
SOT25
3000/Tape & Reel
-7
NA
NA
AP432(A)QG-7
Q
SOT25
3000/Tape & Reel
-7
NA
NA
AP432(A)WL-7
W
SC59
3000/Tape & Reel
-7
NA
NA
AP432(A)WG-7
W
SC59
3000/Tape & Reel
-7
NA
NA
AP432(A)RL-7
R
SC59R
3000/Tape & Reel
-7
NA
NA
AP432(A)RG-7
R
SC59R
3000/Tape & Reel
-7
NA
NA
AP432(A)G-13
SOP-8L
2500/Tape & Reel
-13
NA
NA
AP432(A)YL-13
Y
SOT89-3L
2500/Tape & Reel
-13
NA
NA
AP432(A)YG-13
Y
SOT89-3L
2500/Tape & Reel
-13
NA
NA
AP432(A)VL-A
V
TO92-3L
NA
NA
2000/Box
NA
AP432(A)VG-A
V
TO92-3L
NA
NA
2000/Box
NA
Notes:
6. SOP-8L, SOT23 and SOT23R are available in “Green” products only.
7. Ammo Box is for TO92-3L Spread Lead.
8. Suffix “A” denotes AP432A device.
9. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.


Similar Part No. - AP432SAG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP432SAG-7 DIODES-AP432SAG-7 Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
More results

Similar Description - AP432SAG-7

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com