Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP393 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP393 Datasheet HTML 1Page - Diodes Incorporated AP393 Datasheet HTML 2Page - Diodes Incorporated AP393 Datasheet HTML 3Page - Diodes Incorporated AP393 Datasheet HTML 4Page - Diodes Incorporated AP393 Datasheet HTML 5Page - Diodes Incorporated AP393 Datasheet HTML 6Page - Diodes Incorporated AP393 Datasheet HTML 7Page - Diodes Incorporated AP393 Datasheet HTML 8Page - Diodes Incorporated AP393 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393
Document number: DS31006 Rev. 8 - 2
3 of 15
www.diodes.com
July 2010
© Diodes Incorporated
Typical Circuit (Continued) (Vcc=5.0VDC)
Pulse Generator
+
-
V
O
100K
1M
1M
1M
80 pF
15K
V+
+15V
DC
1M
R2
R1
1N914
D1
1N914
D2
60
μs
6
μs
-V+
0
t
Ot1
t
2
*For large ratios of R1/R2, D1 can
be omitted
1/2 AP393
*
Crystal Controlled Oscillator
+
-
V
O
200K
0.1
μF
2.0K
V+
V+
100K
200K
0
CRYSTAL
f=100KHz
1/2 AP393
+
-
+
-
+
-
+V
C
FREQUENCY
CONTROL
VOLTAGE
INPUT
0.1
μF
10
20K
20K
50K
V+/2
OUTPUT2
OUTPUT1
500pF
V+
0.01
μF
3.0K
5.1K
100K
3.0K
V+
Two-Decade High Frequency VCO
V+/2
1/2 AP393
1/2 AP393
1/2 AP393
100K
V
O
3.0K
V+
+V
IN
+V
REF
Basic Comparator
+
-
V*=+30V
DC
+250mV
DC < VC < +50VDC
700Hz < f
O < 100KHz
1/2 AP393
Non-Inverting Comparator with
Hysteresis
V
O
3K
V+
+V
IN
+V
REF
+
-
10M
10K
1/2 AP393


Similar Part No. - AP393

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP393 ANACHIP-AP393 Datasheet
260Kb / 13P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AP393 DIODES-AP393 Datasheet
288Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AP393 Rev. 3
AP39303 DIODES-AP39303 Datasheet
1Mb / 16P
   QUASI-RESONANT PWM SWITCHER
July 2022
AP39303S16-13 DIODES-AP39303S16-13 Datasheet
1Mb / 16P
   QUASI-RESONANT PWM SWITCHER
July 2022
AP393A DIODES-AP393A Datasheet
302Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AP393A Rev. 7
More results

Similar Description - AP393

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP393A DIODES-AP393A_09 Datasheet
242Kb / 15P
   LOW POWER LOW OFFSET VOLTAGE DUAL
AP393A Rev. 7
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
List of Unclassifed Man...
IL393N ETC-IL393N Datasheet
26Kb / 2P
   LOW POWER, LOW OFFSET VOLTAGE DUAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com