Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP130 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP130
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP130_10 Datasheet HTML 3Page - Diodes Incorporated AP130_10 Datasheet HTML 4Page - Diodes Incorporated AP130_10 Datasheet HTML 5Page - Diodes Incorporated AP130_10 Datasheet HTML 6Page - Diodes Incorporated AP130_10 Datasheet HTML 7Page - Diodes Incorporated AP130_10 Datasheet HTML 8Page - Diodes Incorporated AP130_10 Datasheet HTML 9Page - Diodes Incorporated AP130_10 Datasheet HTML 10Page - Diodes Incorporated AP130_10 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130
Document number: DS31027 Rev. 7 - 2
7 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Marking Information
(1) SC59, SC59R and SOT23
1
2
3
XX Y W X
( Top View )
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
a~z : Lead Free
Device
Package (Note 11)
Identification Code
AP130-15W
SC59W
CA
AP130-18W
SC59W
CD
AP130-20W
SC59W
CF
AP130-25W
SC59W
CK
AP130-28W
SC59W
CN
AP130-30W
SC59W
CP
AP130-33W
SC59W
CS
AP130-35W
SC59W
CU
AP130-15R
SC59R
GO
AP130-18R
SC59R
GR
AP130-20R
SC59R
GT
AP130-25R
SC59R
GY
AP130-28R
SC59R
H1
AP130-30R
SC59R
H3
AP130-33R
SC59R
H9
AP130-35R
SC59R
HB
AP130-15SA
SOT23
U2
AP130-18SA
SOT23
U3
AP130-20SA
SOT23
U4
AP130-25SA
SOT23
U5
AP130-28SA
SOT23
U6
AP130-30SA
SOT23
U7
AP130-33SA
SOT23
U8
AP130-35SA
SOT23
U9


Similar Part No. - AP130_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP130-15PG-13 DIODES-AP130-15PG-13 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15PG-7 DIODES-AP130-15PG-7 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15PG-U DIODES-AP130-15PG-U Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15PL-13 DIODES-AP130-15PL-13 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
AP130-15PL-7 DIODES-AP130-15PL-7 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results

Similar Description - AP130_10

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP130 ANACHIP-AP130 Datasheet
161Kb / 9P
   300mA Low Dropout (LDO) Linear Regulator
logo
Diodes Incorporated
AP130-15WL-7 DIODES-AP130-15WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130_11 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-25SAG-7 DIODES-AP130-25SAG-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130-33WL-7 DIODES-AP130-33WL-7 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130 DIODES-AP130 Datasheet
161Kb / 8P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com