Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP78LXXSG-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP78LXXSG-13
Description  AP78LXX SERIES 3-TERMINAL POSITIVE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP78LXXSG-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP78LXXSG-13 Datasheet HTML 1Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 2Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 3Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 4Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 5Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 6Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 7Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 8Page - Diodes Incorporated AP78LXXSG-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP78L05/08/12
AP78LXX SERIES 3-TERMINAL POSITIVE
REGULATORS
AP78L05/08/12 Rev. 9
1 of 15
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Lead-free
Output voltages of 5.0V,8.0V,12V
Output voltage tolerances of
±5% over the operating
temperature ranges
Output current in excess of 100mA
Internal thermal overload protection
Output transistor safe area protection
Internal short circuit current limiting
No external components
Available in plastic TO92-3L, SOT89-3L and plastic
SOP-8L low profile packages
Lead Free Package: TO92-3L (Note 1)
SOP-8L and SOT89-3L: Available in “Green” Molding
Compound (No Br, Sb) (Note 2)
Lead Free Finish / RoHS Compliant (Note 3)
The AP78LXX Series is a three terminal positive regulator
available with fixed output voltages from 5V, 8V and 12V, making
them useful in a wide range of applications. When used as a
Zener diode/resistor combination replacement, the AP78LXX can
improve output impedance by two orders of magnitude, and lower
quiescent current . These regulators can provide local on card
regulation, eliminating the distribution problems associated with
single point regulation. The voltages available allow the
AP78LXX's to be used in logic systems. Instrumentation, HiFi
and other solid state electronic equipment.
The AP78LXX is available in the plastic TO92-3L, SOT89-3L and
SOP-8L using industrial standard package technology. The
regulator can deliver 100mA output current with adequate heat
sinking. Current limiting is included to limit the peak output
current to a safe value. Safe area protection for the output
transistors is provided to limit internal power dissipation. Thermal
overload protection is integrated to prevent the IC from overheat
due to abnormal condition.
Communication
CD-ROM
DVD-Player
Set-Top Box
Ordering Information
Package
Packing
A : Ammo Box
Lead Free
L : Lead Free (Note 1)
AP78L XX X X - X
V : TO92-3L
13 : Tape & Reel
G : Green (Note 2)
S : SOP-8L
Y : SOT89-3L
Output version
05 : 5.0V
08 : 8.0V
12 : 12V
Device
Package
Code
Packaging
(Note 4)
Ammo Box / Tube
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP78LXXVL-A
V
TO92-3L
2000/Box
-A
NA
NA
AP78LXXSG-13
S
SOP-8L
NA
NA
2500/Tape & Reel
-13
AP78LXXYG-13
Y
SOT89-3L
NA
NA
2500/Tape & Reel
-13
Notes:
1. TO92-3L is available in “Lead Free” product only.
2. SOP-8L and SOT89-3L are available in “Green” products only.
3. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications


Similar Part No. - AP78LXXSG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP78LXXSG-13 DIODES-AP78LXXSG-13 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78LXXSG-13 DIODES-AP78LXXSG-13 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
More results

Similar Description - AP78LXXSG-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP78LXX DIODES-AP78LXX_12 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L08SG-13 DIODES-AP78L08SG-13 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
AP78L12YG-13 DIODES-AP78L12YG-13 Datasheet
305Kb / 16P
   AP78LXX SERIES 3-TERMINAL POSITIVE REGULATORS
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
logo
Texas Instruments
LM140QML TI1-LM140QML Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
LM78L62ACZ TI1-LM78L62ACZ Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
LM78L05 TI1-LM78L05 Datasheet
1,014Kb / 21P
[Old version datasheet]   LM78LXX Series 3-Terminal Positive Regulators
LM140LQML TI-LM140LQML_15 Datasheet
303Kb / 13P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
LM140LQML TI1-LM140LQML Datasheet
633Kb / 11P
[Old version datasheet]   LM140LQML Series 3-Terminal Positive Regulators
LM341 TI-LM341_15 Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com