Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH1888-FJRG-7 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AH1888-FJRG-7
Description  MICROPOWER, GENERAL-SENSITIVE HALL EFFECT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1888-FJRG-7 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AH1888-FJRG-7 Datasheet HTML 3Page - Diodes Incorporated AH1888-FJRG-7 Datasheet HTML 4Page - Diodes Incorporated AH1888-FJRG-7 Datasheet HTML 5Page - Diodes Incorporated AH1888-FJRG-7 Datasheet HTML 6Page - Diodes Incorporated AH1888-FJRG-7 Datasheet HTML 7Page - Diodes Incorporated AH1888-FJRG-7 Datasheet HTML 8Page - Diodes Incorporated AH1888-FJRG-7 Datasheet HTML 9Page - Diodes Incorporated AH1888-FJRG-7 Datasheet HTML 10Page - Diodes Incorporated AH1888-FJRG-7 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AH1888
MICROPOWER, GENERAL-SENSITIVE HALL EFFECT
SWITCH
AH1888
Document number: DS31565 Rev. 6 - 2
9 of 11
www.diodes.com
August 2010
© Diodes Incorporated
Package Outline Dimensions (All Dimensions in mm)
(1) Package Type: SOT553
1.0Typ.
0.15/0.30(5x)
0.10 M C A-B D
B
C
L
CL
D
0.10/0.18
1.50/1.70
0.30 C D
A
6°~8°
6°~
Top View
Land Pattern Recommendation
(Unit:mm)
1.0Typ.
Pin1
Pin1
C
L
CL
0.5Typ.
0.5Typ.
0.3
0.32/0.58
Hall Sensor
(2) Package Type: DFN2020-3 and DFN2020R-3
R0.2
1.1/1.35
0.325
B
0.25 B
2x-
0.10 M C A B
0.2/0.3
0.5Typ
0.10 C
0.08 C
1.85/2.15
A
C
Seating plane
Bottom View
Sensor location
CL
CL
CL
CL
Land Pattern Recommendation
Unit:mm
Top View
1.03
0.3
0.5
0.3
1
1.25
0.325
Top View
DIE
0.18±0.07
Pin3
Pin1
Pin2
Pin3
Pin2
Pin1


Similar Part No. - AH1888-FJRG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1883 DIODES-AH1883 Datasheet
96Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1883 Rev. 1
AH1883 DIODES-AH1883 Datasheet
182Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1883 DIODES-AH1883 Datasheet
228Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1883-FJG-7 DIODES-AH1883-FJG-7 Datasheet
228Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1883-Z DIODES-AH1883-Z Datasheet
96Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1883 Rev. 1
More results

Similar Description - AH1888-FJRG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1801 DIODES-AH1801_09 Datasheet
157Kb / 10P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1801 Rev. 7
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
AH1884 DIODES-AH1884_10 Datasheet
159Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31171 Rev. 6 - 2
AH1887 DIODES-AH1887 Datasheet
179Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31313 Rev. 4 - 2
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com