Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7567NM Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA7567NM
Description  TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7567NM Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA7567NM Datasheet HTML 4Page - Sanyo Semicon Device LA7567NM Datasheet HTML 5Page - Sanyo Semicon Device LA7567NM Datasheet HTML 6Page - Sanyo Semicon Device LA7567NM Datasheet HTML 7Page - Sanyo Semicon Device LA7567NM Datasheet HTML 8Page - Sanyo Semicon Device LA7567NM Datasheet HTML 9Page - Sanyo Semicon Device LA7567NM Datasheet HTML 10Page - Sanyo Semicon Device LA7567NM Datasheet HTML 11Page - Sanyo Semicon Device LA7567NM Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
No. 5765-8/14
LA7567N, 7567NM
Pin Descriptions
Pin No.
Pin
Description
Equivalent circuit
1
SIF INPUT
• SIF input. The input impedance is about 1 k
Ω. Since
buzzing and buzz beating can occur if interference enters
this input pin, care must be taken when design the pattern
layout for this pin. Note that the video and chrominance
signals are especially likely to interfere with the audio
signal. Also, the VIF carrier signal can also cause
interference.
2
FM power supply filter
• FM detector bias line filter input. Used to improve the FM
detector signal-to-noise ratio.
C1 should be at least 0.47 µF, and 1 µF is recommended.
If the FM detector is not used, connect pin 2 to ground
through a 2-k
Ω resistor. This stops the FM detector VCO.
3
4
SIF converter
• Pin 3 is the SIF converter output. The signal is passed
through a 6-MHz bandpass filter and input to the SIF
circuit. There is a 200-
Ω resistor in series with the emitter-
follower output.
• Pin 4 is the SIF converter 500-kHz oscillator connection.
Since this oscillator circuit includes an ALC, the oscillator
level is held fixed at a low level. If this circuit is not used,
connect pin 4 to ground through a 10-k
Ω external resistor.
Providing this external resistor stops the 500-kHz oscillator
and allows the converter to be used as an amplifier.
5
VCC
• Use the shortest distance possible when decoupling VCC
and ground.
Continued on next page.


Similar Part No. - LA7567NM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA75676M SANYO-LA75676M Datasheet
98Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V SANYO-LA75676V Datasheet
103Kb / 9P
   For TV and VCR Products IF Signal Processor (VIFSIF)
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75676VA SANYO-LA75676VA Datasheet
99Kb / 10P
   IF Signal Processor (VIFSIF) for TV and VCR Products
More results

Similar Description - LA7567NM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7567EV SANYO-LA7567EV Datasheet
214Kb / 21P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with PAL/NTSC Multi-Format Audio Support
LA7566 SANYO-LA7566 Datasheet
234Kb / 11P
   VIF/SIF IF Signal-Processing Circuit with TV/VCR PAL and NTSC Multisound Support
LA7567GM SANYO-LA7567GM Datasheet
185Kb / 14P
   TV and VCR VIF/SIF IF Signal-Processing Circuit with NTSC SPLIT Support
LA75676V-S SANYO-LA75676V-S Datasheet
161Kb / 13P
   VIF/SIF IF Signal-Processing Circuit for TV and VCR Products
LA75710VA SANYO-LA75710VA Datasheet
276Kb / 10P
   Monolithic Linear IC NTSC Support TV and VCR VIF/SIF Signal Processing IC
LA7533 SANYO-LA7533 Datasheet
84Kb / 3P
   IF Signal Processing (VIFSIF) Circuit for TV/VCR Use?
LA75675M-S SANYO-LA75675M-S Datasheet
133Kb / 13P
   VIF/SIF IF Signal-Processing Circuit that Supports NTSC Intercarrier for TV and VCR Products
LA7555 SANYO-LA7555 Datasheet
258Kb / 11P
   IF Signal Processing (VIFSIF) Cricuit for TV/VCR Use
LA7565E SANYO-LA7565E Datasheet
198Kb / 18P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
LA7565B SANYO-LA7565B Datasheet
322Kb / 16P
   IF Signal-Processing IC for PAL/NTSC Multi-System Audio TV and VCR Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com