Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH1801-SNG-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AH1801-SNG-7
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1801-SNG-7 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AH1801-SNG-7 Datasheet HTML 2Page - Diodes Incorporated AH1801-SNG-7 Datasheet HTML 3Page - Diodes Incorporated AH1801-SNG-7 Datasheet HTML 4Page - Diodes Incorporated AH1801-SNG-7 Datasheet HTML 5Page - Diodes Incorporated AH1801-SNG-7 Datasheet HTML 6Page - Diodes Incorporated AH1801-SNG-7 Datasheet HTML 7Page - Diodes Incorporated AH1801-SNG-7 Datasheet HTML 8Page - Diodes Incorporated AH1801-SNG-7 Datasheet HTML 9Page - Diodes Incorporated AH1801-SNG-7 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AH1801
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
SWITCH
AH1801 Rev. 7
6 of 10
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Magnetic Characteristics
(TA = 25°C, Vdd = 3V)
(1mT=10 Gauss)
Symbol
Characteristic
Min
Typ
Max
Unit
Bops(south pole to brand side)
Operate Point
-
40
60
Gauss
Bopn(north pole to brand side)
-60
-40
-
Brps(south pole to brand side)
Release Point
10
30
-
Brpn(north pole to brand side)
-
-30
-10
Bhy(
Brpx
Bopx
)
Hysteresis
-
10
-
Notes:
6. Typical data is at TA=25 °C, Vdd=3V, and for design information only.
7. Operate point and release point will vary with supply voltage and operating temperature.
Output ( Voltage )
Bopn Brpn
Turn
on
Turn off
( off-state )
( on-state )
Brps Bops
Magnetic
Turn off
Turn
on
-B
+B
(1) SC59 / DFN2020-3 /DFN2020-6
TA (°C)
25
50
60
70
80
85
90
100
110
120
130
140
150
PD (mW)
230
184
166
147
129
120
110
92
74
55
37
18
0
P ow er D is s ipatio n C urv e
0
100
200
300
0
25
50
7 5
10 0
125
150
T A (。 C)
P D (m W )
85
Performance Characteristics


Similar Part No. - AH1801-SNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
More results

Similar Description - AH1801-SNG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1885 DIODES-AH1885_10 Datasheet
158Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31235 Rev. 4 - 2
AH1803 DIODES-AH1803_09 Datasheet
167Kb / 9P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 9
AH1883 DIODES-AH1883_10 Datasheet
182Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31296 Rev. 5 - 2
AH1886 DIODES-AH1886 Datasheet
170Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31216 Rev. 4 - 2
AH1803 DIODES-AH1803 Datasheet
131Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
AH1803 Rev. 1
AH1884 DIODES-AH1884_10 Datasheet
159Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31171 Rev. 6 - 2
AH1887 DIODES-AH1887 Datasheet
179Kb / 7P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
DS31313 Rev. 4 - 2
logo
Allegro MicroSystems
3209 ALLEGRO-3209 Datasheet
224Kb / 12P
   MICROPOWER, ULTRA-SENSITIVE HALL-EFFECT SWITCHES
logo
Diodes Incorporated
AH1801 DIODES-AH1801 Datasheet
117Kb / 8P
   MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1801 Rev. 4
logo
Major-Power Technology ...
MA7004 MPOWER-MA7004 Datasheet
117Kb / 2P
   MicroPower, Ultra-sensitive Hall Effect Switch
Rev.1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com