Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3072 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC3072
Description  Strobe Flash Applications Medium Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3072 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC3072_05 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3072_05 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3072_05 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3072_05 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3072
2005-02-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 40 V, IE = 0
100
nA
Emitter cut-off current
IEBO
VEB = 8 V, IC = 0
100
nA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
20
V
hFE (1)
(Note 2)
VCE = 2 V, IC = 0.5 A
140
450
DC current gain
hFE (2)
VCE = 2 V, IC = 4 A
70
Collector emitter saturation voltage
VCE (sat)
IC = 4 A, IB = 0.1 A
1.0
V
Base-emitter voltage
VBE
VCE = 2 V, IC = 4 A
1.5
V
Transition frequency
fT
VCE = 2 V, IC = 0.5 A
100
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
40
pF
Note 2: hFE (1) classification A: 140 to 240, B: 200 to 330, C: 300 to 450
Marking
C3072
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Characteristics
indicator
Part No. (or abbreviation code)


Similar Part No. - 2SC3072_05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3072 TOSHIBA-2SC3072 Datasheet
152Kb / 3P
   TRANSISTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC3072 KEXIN-2SC3072 Datasheet
40Kb / 1P
   Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3072 TOSHIBA-2SC3072 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SC3072_05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4683 TOSHIBA-2SC4683 Datasheet
184Kb / 3P
   STROBE FLASH APPLICATIONS MEDIUM POWER AMPLIFIER APPLICATIONS
2SA1160 TOSHIBA-2SA1160_07 Datasheet
150Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_07 Datasheet
158Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4684 TOSHIBA-2SC4684_05 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4685 TOSHIBA-2SC4685_04 Datasheet
131Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1431 TOSHIBA-2SA1431_06 Datasheet
142Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1160 TOSHIBA-2SA1160_09 Datasheet
162Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
   Strobe Flash Applications Medium Power Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com