Electronic Components Datasheet Search |
|
ZXMS6006SG Datasheet(PDF) 3 Page - Diodes Incorporated |
|
ZXMS6006SG Datasheet(HTML) 3 Page - Diodes Incorporated |
3 / 9 page ZXMS6006SG Document number: DS35141 Rev. 1 - 2 3 of 9 www.diodes.com December 2010 © Diodes Incorporated ZXMS6006SG A Product Line of Diodes Incorporated IntelliFET ® is a trademark of Diodes Incorporated, registered in the United States and other jurisdictions worldwide. Maximum Ratings @TA = 25°C unless otherwise specified Characteristic Symbol Value Units Continuous Drain-Source Voltage VDS 60 V Drain-Source Voltage for short circuit protection VDS(SC) 16 V Continuous Input Voltage VIN -0.5 ... +6 V Continuous Input Current @-0.2V ≤ VIN ≤ 6V Continuous Input Current @VIN < -0.2V or VIN > 6V IIN No limit │IIN │≤2 mA Pulsed Drain Current @VIN = 3.3V IDM 11 A Pulsed Drain Current @VIN = 5V IDM 13 A Continuous Source Current (Body Diode) (Note 4) IS 2 A Pulsed Source Current (Body Diode) ISM 12 A Unclamped Single Pulse Inductive Energy, TJ = 25°C, ID = 0.5A, VDD = 24V EAS 480 mJ Electrostatic Discharge (Human Body Model) VESD 4000 V Charged Device Model VCDM 1000 V Thermal Characteristics @TA = 25°C unless otherwise specified Characteristic Symbol Value Units Power Dissipation at TA = 25°C (Note 4) Linear Derating Factor PD 1.0 8.0 W mW/ °C Power Dissipation at TA = 25°C (Note 5) Linear Derating Factor PD 1.6 12.8 W mW/ °C Thermal Resistance, Junction to Ambient (Note 4) RθJA 125 °C/W Thermal Resistance, Junction to Ambient (Note 5) RθJA 83 °C/W Thermal Resistance, Junction to Case (Note 6) RθJC 39 °C/W Operating Temperature Range TJ -40 to +150 °C Storage Temperature Range TSTG -55 to +150 °C Notes: 4. For a device surface mounted on 15mm x 15mm single sided 1oz weight copper on 1.6mm FR4 board, in still air conditions. Sink split drain 80% and source 20% to isolate connections. 5. For a device surface mounted on 50mm x 50mm single sided 2oz weight copper on 1.6mm FR4 board, in still air conditions. Sink split drain 80% and source 20% to isolate connections. 6. Thermal resistance between junction and the mounting surfaces of drain and source pins. |
Similar Part No. - ZXMS6006SG |
|
Similar Description - ZXMS6006SG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |