Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMS6006DGTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMS6006DGTA
Description  60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6006DGTA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMS6006DGTA Datasheet HTML 1Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 2Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 3Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 4Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 5Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 6Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 7Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 8Page - Diodes Incorporated ZXMS6006DGTA Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZXMS6006DG
Document number: DS35142 Rev. 1 - 2
3 of 9
www.diodes.com
December 2010
© Diodes Incorporated
ZXMS6006DG
A Product Line of
Diodes Incorporated
IntelliFET
® is a trademark of Diodes Incorporated, registered in the United States and other jurisdictions worldwide.
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Continuous Drain-Source Voltage
VDS
60
V
Drain-Source Voltage for Short Circuit Protection
VDS(SC)
16
V
Continuous Input Voltage
VIN
-0.5 ... +6
V
Continuous Input Current @-0.2V
≤ VIN ≤ 6V
Continuous Input Current @VIN < -0.2V or VIN > 6V
IIN
No limit
│IIN │≤2
mA
Pulsed Drain Current @VIN = 3.3V
IDM
11
A
Pulsed Drain Current @VIN = 5V
IDM
13
A
Continuous Source Current (Body Diode) (Note 4)
IS
2
A
Pulsed Source Current (Body Diode)
ISM
12
A
Unclamped Single Pulse Inductive Energy,
TJ = 25°C, ID = 0.5A, VDD = 24V
EAS
490
mJ
Electrostatic Discharge (Human Body Model)
VESD
4000
V
Charged Device Model
VCDM
1000
V
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Power Dissipation at TA = 25°C (Note 4)
Linear Derating Factor
PD
1.3
10.4
W
mW/
°C
Power Dissipation at TA = 25°C (Note 5)
Linear Derating Factor
PD
3.0
24
W
mW/
°C
Thermal Resistance, Junction to Ambient (Note 4)
RθJA
96
°C/W
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
42
°C/W
Thermal Resistance, Junction to Case (Note 6)
RθJC
12
°C/W
Operating Temperature Range
TJ
-40 to +150
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
4. For a device surface mounted on 15mm x 15mm single sided 1oz weight copper on 1.6mm FR4 board, in still air conditions.
5. For a device surface mounted on 50mm x 50mm single sided 2oz weight copper on 1.6mm FR4 board, in still air conditions.
6. Thermal resistance between junction and the mounting surfaces of drain and source pins.


Similar Part No. - ZXMS6006DGTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6006DGQ DIODES-ZXMS6006DGQ Datasheet
350Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
ZXMS6006DGQ-13 DIODES-ZXMS6006DGQ-13 Datasheet
789Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
Rev. 1 - 2
ZXMS6006DGQTA DIODES-ZXMS6006DGQTA Datasheet
350Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE
More results

Similar Description - ZXMS6006DGTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMS6005DG DIODES-ZXMS6005DG Datasheet
561Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32247 Rev. 1 - 2
ZXMS6005SG DIODES-ZXMS6005SG Datasheet
562Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32249 Rev. 1 - 2
ZXMS6004FFTA DIODES-ZXMS6004FFTA Datasheet
420Kb / 10P
   60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6004FF DIODES-ZXMS6004FF Datasheet
414Kb / 10P
   60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6004DGTA DIODES-ZXMS6004DGTA Datasheet
485Kb / 10P
   60V N-channel self protected enhancement mode Intellifet MOSFET
ZXMS6006DGQ-13 DIODES-ZXMS6006DGQ-13 Datasheet
789Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
Rev. 1 - 2
ZXMS6004DT8 DIODES-ZXMS6004DT8 Datasheet
241Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32245 Rev. 1 - 2
ZXMS6005DT8 DIODES-ZXMS6005DT8 Datasheet
252Kb / 9P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET??MOSFET
DS32248 Rev. 1 - 2
ZXMS6004DGQ-13 DIODES-ZXMS6004DGQ-13 Datasheet
711Kb / 8P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE INTELLIFET MOSFET
Rev. 1 - 2
ZXMS6005N8 DIODES-ZXMS6005N8 Datasheet
684Kb / 8P
   60V N-CHANNEL SELF-PROTECTED ENHANCEMENT MODE IntelliFET MOSFET
June 2017
logo
List of Unclassifed Man...
BSP75G ETC1-BSP75G Datasheet
68Kb / 4P
   60V N-CHANNEL SELF PROTECTED ENHANCEMENT MODE IntelliFET??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com