Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD0805 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # SMD0805
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMD0805 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button SMD0805 Datasheet HTML 7Page - Diodes Incorporated SMD0805 Datasheet HTML 8Page - Diodes Incorporated SMD0805 Datasheet HTML 9Page - Diodes Incorporated SMD0805 Datasheet HTML 10Page - Diodes Incorporated SMD0805 Datasheet HTML 11Page - Diodes Incorporated SMD0805 Datasheet HTML 12Page - Diodes Incorporated SMD0805 Datasheet HTML 13Page - Diodes Incorporated SMD0805 Datasheet HTML 14Page - Diodes Incorporated SMD0805 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
11 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
b) Boost and Buck-Boost modes
Control in Boost and Buck-boost mode is achieved by
sensing the coil current in the series resistor Rs, connected
between the two inputs of a current monitor within the
control loop block. An output from the control loop drives
the input of a comparator which drives the gate of the
external NMOS switch transistor M1 via the internal Gate
Driver. In boost and buck-boost modes, when the switch is
on, current flows from VIN, via Rs, coil and switch to
ground.
This current ramps up until an upper threshold
value is reached. At this point GATE goes low, the switch
is turned off and the current flows via Rs, coil, D1 and LED
back to VIN (Buck-boost mode), or GND (Boost mode).
When the coil current has ramped down to a lower
threshold value, GATE goes high, the switch is turned on
again and the cycle of events repeats, resulting in
continuous oscillation. The average current in the coil is
equal to the average of the maximum and minimum
threshold currents and the ripple current (hysteresis) is
equal to the difference between the thresholds.
Figure 15: Boost and Buck-Boost configuration
The average current in the LED is always less than the average current in the coil and the ratio between these currents is
set by the values of external resistors RGI1 and RGI2. The peak LED current is equal to the peak coil current. The control
loop maintains the average LED current at the set level by adjusting the thresholds and the hysteresis continuously to force
the average current in the coil to the value demanded by the voltage on the ADJ and GI pins. This minimises variation in
output current with changes in operating conditions. Loop compensation is achieved by a single external capacitor C2,
connected between SHP and SGND.
Figure 16 - Operating waveforms (Boost and Buck-boost modes)
Note: In Boost and Buck-boost modes, average ILED= average ICOIL x RGI1/(RGI1+RGI2)
For more detailed descriptions of device operation and for choosing external components, please refer to the application
circuits and descriptions in the later sections of this specification.
~15V
0V
VVIN
VVIN -225mV
225mV/Rs
0A
Gate Voltage
ISM Voltage
Coil current
225mV/Rs
0A
LED current
Average
LED current
tOFF
tON


Similar Part No. - SMD0805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD0805 ETC1-SMD0805 Datasheet
80Kb / 2P
   SMD Type, 6 V / 9 V / 15V
logo
Littelfuse
SMD0805 LITTELFUSE-SMD0805 Datasheet
88Kb / 2P
   These devices offer wide range in hold currents from 0.1 A to 1.0 A and voltages from 6 V to 15 V
logo
HuaXinAn Electronics CO...
SMD0805 HUAXINAN-SMD0805 Datasheet
406Kb / 6P
   Resettable Fuse PTC SMD0805 Series
SMD0805 HUAXINAN-SMD0805 Datasheet
413Kb / 7P
   Low Resistance Resettable Fuse PTC SMD0805 Series
SMD0805 HUAXINAN-SMD0805 Datasheet
405Kb / 6P
   Resettable Fuse PTC SMD0805 Series
More results

Similar Description - SMD0805

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
AL8871Q DIODES-AL8871Q Datasheet
772Kb / 28P
   60V BUCK-BOOST LED CONTROLLER
August 2020
logo
Linear Technology
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
   60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com