Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD0805 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # SMD0805
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMD0805 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button SMD0805 Datasheet HTML 3Page - Diodes Incorporated SMD0805 Datasheet HTML 4Page - Diodes Incorporated SMD0805 Datasheet HTML 5Page - Diodes Incorporated SMD0805 Datasheet HTML 6Page - Diodes Incorporated SMD0805 Datasheet HTML 7Page - Diodes Incorporated SMD0805 Datasheet HTML 8Page - Diodes Incorporated SMD0805 Datasheet HTML 9Page - Diodes Incorporated SMD0805 Datasheet HTML 10Page - Diodes Incorporated SMD0805 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
7 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics – Buck Mode – Rs = 300m
Ω - L = 47µH - ILED = 750mA
0.715
0.720
0.725
0.730
0.735
0.740
6.5
11
15.5
20
24.5
29
33.5
38
42.5
47
51.5
56
60.5
Input Voltage (V)
Figure 4: I
vs. Input & Number of LED
LED
2 LEDs
3 LEDs
5 LEDs
7 LEDs
9 LEDs
11 LEDs
13 LEDs
15 LEDs
T
= 25°C
V
= V
A
AUX
IN
0
100
200
300
400
500
600
700
800
900
1000
Input Voltage (V)
Figure 5: Frequency ZXLD1370 - Buck Mode - L47 H
μ
2 LEDs
3 LEDs
5 LEDs
7 LEDs
9 LEDs
11 LEDs
13 LEDs
15 LEDs
T = 25°C
V
= V
A
AU X
IN
6.5
11
15.5
20
24.5
29
33.5
38
42.5
47
51.5
56
60.5
60%
65%
70%
75%
80%
85%
90%
95%
100%
Input Voltage (V)
Figure 6: Efficiency vs. Input Voltage & Number of LED
2 LEDs
3 LEDs
5 LEDs
7 LEDs
9 LEDs
11 LEDs
13 LEDs
15 LEDs
T = 25°C
V
= V
A
AU X
IN
6.5
11
15.5
20
24.5
29
33.5
38
42.5
47
51.5
56
60.5


Similar Part No. - SMD0805

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMD0805 ETC1-SMD0805 Datasheet
80Kb / 2P
   SMD Type, 6 V / 9 V / 15V
logo
Littelfuse
SMD0805 LITTELFUSE-SMD0805 Datasheet
88Kb / 2P
   These devices offer wide range in hold currents from 0.1 A to 1.0 A and voltages from 6 V to 15 V
logo
HuaXinAn Electronics CO...
SMD0805 HUAXINAN-SMD0805 Datasheet
406Kb / 6P
   Resettable Fuse PTC SMD0805 Series
SMD0805 HUAXINAN-SMD0805 Datasheet
413Kb / 7P
   Low Resistance Resettable Fuse PTC SMD0805 Series
SMD0805 HUAXINAN-SMD0805 Datasheet
405Kb / 6P
   Resettable Fuse PTC SMD0805 Series
More results

Similar Description - SMD0805

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
ZXLD1370_1103 DIODES-ZXLD1370_1103 Datasheet
859Kb / 36P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
AL8871Q DIODES-AL8871Q Datasheet
772Kb / 28P
   60V BUCK-BOOST LED CONTROLLER
August 2020
logo
Linear Technology
LT3791 LINER-LT3791_15 Datasheet
403Kb / 28P
   60V 4-Switch Synchronous Buck-Boost LED Driver Controller
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com