Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLD383 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXLD383
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD383 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXLD383 Datasheet HTML 2Page - Diodes Incorporated ZXLD383 Datasheet HTML 3Page - Diodes Incorporated ZXLD383 Datasheet HTML 4Page - Diodes Incorporated ZXLD383 Datasheet HTML 5Page - Diodes Incorporated ZXLD383 Datasheet HTML 6Page - Diodes Incorporated ZXLD383 Datasheet HTML 7Page - Diodes Incorporated ZXLD383 Datasheet HTML 8Page - Diodes Incorporated ZXLD383 Datasheet HTML 9Page - Diodes Incorporated ZXLD383 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ZXLD383
ZXLD383
Document number: DS32189 Rev. 3 - 2
9 of 10
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Ordering Information
Part Number
Package
Part Mark
Tape Width
(mm)
Quantity
(per reel)
ZXLD383ET5TA
TSOT23-5
383
8
3000
Package Outline Dimensions
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
-
1.00
-
0.0393
E1
1.60 BSC
0.062 BSC
A1
0.01
0.10
0.0003
0.0039
e
0.95 BSC
0.037 BSC
A2
0.84
0.90
0.0330
0.0354
1.90 BSC
0.074 BSC
b
0.30
0.45
0.0118
0.0177
L
0.10
0.60
0.0039
0.0236
C
0.12
0.20
0.0047
0.0078
L2
0.25 BSC
0.010 BSC
D
2.90 BSC
0.114 BSC
Q
4
12
4
12
E
2.80 BSC
0.110 BSC


Similar Part No. - ZXLD383

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD383 ZETEX-ZXLD383 Datasheet
283Kb / 10P
   Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
ZXLD383ET5TA ZETEX-ZXLD383ET5TA Datasheet
283Kb / 10P
   Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
More results

Similar Description - ZXLD383

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD381 ZETEX-ZXLD381 Datasheet
172Kb / 8P
   Single or Multi Cell LED Driver Solution
ZXSC300 ZETEX-ZXSC300 Datasheet
154Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Diodes Incorporated
ZXLD381 DIODES-ZXLD381 Datasheet
210Kb / 9P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
ZXSC300 DIODES-ZXSC300 Datasheet
181Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300_06 Datasheet
190Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
ZXSC380 ZETEX-ZXSC380 Datasheet
358Kb / 10P
   Single or multi cell LED driver solution
logo
Diodes Incorporated
ZXSC380 DIODES-ZXSC380 Datasheet
389Kb / 10P
   Single or multi cell LED driver solution
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
   Single Cell 350mA LED Driver
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
   Single Cell 350mA LED Driver
logo
Zetex Semiconductors
ZXLD383 ZETEX-ZXLD383 Datasheet
283Kb / 10P
   Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com