Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXLD381 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXLD381
Description  SINGLE OR MULTI CELL LED DRIVER SOLUTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD381 Datasheet(HTML) 7 Page - Diodes Incorporated

  ZXLD381 Datasheet HTML 1Page - Diodes Incorporated ZXLD381 Datasheet HTML 2Page - Diodes Incorporated ZXLD381 Datasheet HTML 3Page - Diodes Incorporated ZXLD381 Datasheet HTML 4Page - Diodes Incorporated ZXLD381 Datasheet HTML 5Page - Diodes Incorporated ZXLD381 Datasheet HTML 6Page - Diodes Incorporated ZXLD381 Datasheet HTML 7Page - Diodes Incorporated ZXLD381 Datasheet HTML 8Page - Diodes Incorporated ZXLD381 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ZXLD383
ZXLD383
Document number: DS32189 Rev. 3 - 2
7 of 10
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Examples
Apart from the Garden Light application circuit shown on the front page of this datasheet, the ZXLD383 may be used in
many other ways. The following circuits and notes show some other possibilities and give typical performance details.
Standard operating mode
The following circuit demonstrates how few components are required to produce a light source using the ZXLD383.
Operating from a single cell, this simple circuit is suited for use in car key fobs, novelty products etc. where small size and
low cost are critical aspects.
By directly wiring the ENA pin to VCC, the part is permanently enabled once a power supply is provided. The ZXLD383 is
highly tolerant of supply ripple so no decoupling of VCC should be needed in a compactly constructed circuit. Also, the
part’s capability of operating with a VCC below 0.9V means that this simple circuit will make the best use of available battery
capacity.
The attached table shows the average LED currents that can be obtained using a range of inductor values. Also shown are
the peak currents required to achieve the given currents.
Notes:
VLED = 3.5V
Low Ripple LED Current Mode
It is possible that the peak LED current required to achieve a given average current is either too high for the LED of choice
or it leads to some loss of efficiency (due to LED resistance losses). In these cases, just two extra low cost components
can be added to provide a low ripple current supply for the LED. The Schottky diode D1 and capacitor C1 rectifies and
smoothes the output of the ZXLD383 giving a low ripple current supply to the load LED. Of course, this circuit could also be
used to power loads other than LEDs.
Notes: VLED = 3.5V, D1 = ZHCS1000, C1 = 1µF (low ESR)
LILED(peak)
ILED(avg)
(uH )
(m A)
(m A )
47
45
8.5
22
100
17.3
10
210
34
6.8
330
50
4.7
415
63
ZXLD 383
3
2
1
4
EN A
GN D
VOU T
5
VC C
L1
1.5V
LED
NC
LILED
(uH )
(m A)
47
7.5
22
15.5
10
31
6.8
46
4.7
58
D1
LE D
C1
Z XLD 383
3
2
1
4
EN A
GN D
VO U T
5
VC C
L1
1.5 V
NC


Similar Part No. - ZXLD381

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD381 ZETEX-ZXLD381 Datasheet
172Kb / 8P
   Single or Multi Cell LED Driver Solution
ZXLD381FHTA ZETEX-ZXLD381FHTA Datasheet
172Kb / 8P
   Single or Multi Cell LED Driver Solution
More results

Similar Description - ZXLD381

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD381 ZETEX-ZXLD381 Datasheet
172Kb / 8P
   Single or Multi Cell LED Driver Solution
logo
Diodes Incorporated
ZXLD383 DIODES-ZXLD383 Datasheet
160Kb / 10P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
DS32189 Rev. 3 - 2
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300 Datasheet
154Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Diodes Incorporated
ZXSC300 DIODES-ZXSC300 Datasheet
181Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
logo
Zetex Semiconductors
ZXSC300 ZETEX-ZXSC300_06 Datasheet
190Kb / 12P
   SINGLE OR MULTI CELL LED DRIVER SOLUTION
ZXSC380 ZETEX-ZXSC380 Datasheet
358Kb / 10P
   Single or multi cell LED driver solution
logo
Diodes Incorporated
ZXSC380 DIODES-ZXSC380 Datasheet
389Kb / 10P
   Single or multi cell LED driver solution
logo
Linear Technology
LTC3490 LINER-LTC3490 Datasheet
160Kb / 12P
   Single Cell 350mA LED Driver
LTC3490 LINER-LTC3490_15 Datasheet
169Kb / 12P
   Single Cell 350mA LED Driver
logo
Zetex Semiconductors
ZXLD383 ZETEX-ZXLD383 Datasheet
283Kb / 10P
   Single or multi cell LED driver with enable/rectifier input for solar charged lamp applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com