Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF01962-20A Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XF01962-20A
Description  T3 / DS3 / E3 / STS-1 TRANSFORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF01962-20A Datasheet(HTML) 1 Page - XFMRS Inc.

  XF01962-20A Datasheet HTML 1Page - XFMRS Inc. XF01962-20A Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XFMRS
XFMRS, INC.
7570 E. Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
16
T3 / DS3 / E3 / STS-1
TRANSFORMERS
XF-2B / C
XF-2B / E
XF-2B / E
XF-20 / A
XF-20 / B
XF-2S / B
XF-2S / A
XF-20 / A
XF-TM / D
XF-TM / C
XF-2S / B
XF-2S / A
.060 - 300
.200 - 340
.200 - 340
.250 - 500
.250 - 500
.12
.12
.30
.10
.10
.10
.06
.06
.10
.06
.20
.20
XF04061-2B
XF03561-2B
XF05061-2B
XF0506-20
XF04061-20
XF04061-2S
XF01962-20
XF01962-2S
XF0406TM
XF0196TM
XF04061-2SA
XF01962-20A
1:1
1:2CT
1:4CT
1:1.73CT
1:1
1:1
1:2CT
1:2CT
1:1
1:2CT
1:1
1:2CT
Package/
Schematic
Bandwidth
75
Ω System
(MHz TYP)
LL
(µH MAX)
OCL Primary
(µH MIN)
Part Number
Turns Ratio
(± 2%)
• DEVELOPED FOR USE IN T3, DS3, E3, AND STS-1 INTERFACES
• RETURN LOSS MEETS REQUIREMENTS OF G.703
• FAST RISE TIMES
• THROUGH-HOLE AND SURFACE MOUNT PACKAGES AVAILABLE
• 1500 Vrms ISOLATION AND 3000 Vrms REINFORCED INSULATION PER
BABT EN41003/EN60950 AND UL 1950 AVAILABLE
• SINGLE, DUALS, CUSTOMS AVAILABLE
ELECTRICAL SPECIFICATIONS @ 25° C
SCHEMATICS:
A
B
C
D
E
2-6
2-6
2-6
4-6
4-6
4-6
4-6
4-6
1-5
1-5
4-6
4-6
Primary
Pins
40
35
150
50
40
40
19
19
40
19
40
19
1500
1500
1500
1500
1500
1500
1500
1500
3000
3000
3000
3000
Isolation
Voltage
(Vms MIN)


Similar Part No. - XF01962-20A

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
61Kb / 2P
   TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A_15 Datasheet
43Kb / 1P
   TRANSFORMERS
More results

Similar Description - XF01962-20A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Pulse A Technitrol Comp...
T3001 PULSE-T3001 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3020NL PULSE-T3020NL Datasheet
516Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
XF05061-2B XFMRS-XF05061-2B Datasheet
52Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Bothhand USA, LP.
S3002 BOTHHAND-S3002 Datasheet
75Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
S3020 BOTHHAND-S3020 Datasheet
78Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
69Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com