Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2065 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SA2065
Description  High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2065 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SA2065_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2065_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2065_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2065_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SA2065_06 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA2065
2006-11-09
4
Pulse width tw (s)
rth – tw
Collector-emitter voltage VCE (V)
Safe Operating Area
1
0.001
0.01
0.1
1
10
100
1000
10
1000
Curves should be applied in thermal limited area.
Single nonrepetitive pulse Ta
= 25°C
Mounted on an FR4 board (glass epoxy, 1.6 mm thick, Cu
area: 645 mm
2)
100
−0.01
−0.1
−1
−10
−100
−0.1
−1
−10
IC max (pulsed) ♦
DC operation *
(Ta
= 25°C)
IC max (continuous)
10 s
♦*
10 ms
♦ 1 ms♦ 100 μs♦
♦: Single nonrepetitive pulse
Ta
= 25°C
Note that the curves for 100 ms*,
10 s* and DC operation* will be
different when the devices aren’t
mounted on an FR4 board (glass
epoxy, 1.6 mm thick, Cu area:
645 mm
2). These characteristic
curves must be derated linearly
with increase in temperature.
100 ms
♦*


Similar Part No. - 2SA2065_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2065 TOSHIBA-2SA2065 Datasheet
135Kb / 5P
   TOSHIBA Transistor Silicon PNP Epitaxial Type
2SA2065 TOSHIBA-2SA2065 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - 2SA2065_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5692 TOSHIBA-2SC5692 Datasheet
167Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC6100 TOSHIBA-2SC6100 Datasheet
172Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC6135 TOSHIBA-2SC6135 Datasheet
147Kb / 4P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC5755 TOSHIBA-2SC5755 Datasheet
115Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2059 TOSHIBA-2SA2059_09 Datasheet
163Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2060 TOSHIBA-2SA2060_09 Datasheet
163Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2056 TOSHIBA-2SA2056_06 Datasheet
156Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SA2058 TOSHIBA-2SA2058_06 Datasheet
155Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
2SC6134 TOSHIBA-2SC6134 Datasheet
150Kb / 4P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Applications
TPCP8602 TOSHIBA-TPCP8602 Datasheet
196Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications Strobe Flash Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com