Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF10061A Datasheet(PDF) 1 Page - XFMRS Inc.

Part # XF10061A
Description  10 BASE T MAGNETICS ISOLATION MAGNETICS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF10061A Datasheet(HTML) 1 Page - XFMRS Inc.

  XF10061A Datasheet HTML 1Page - XFMRS Inc. XF10061A Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
10 BASE T MAGNETICS
ISOLATION MAGNETICS
• INDUSTRY STANDARD PACKAGING
• 2000 VRMS ISOLATION STANDARD
• CUSTOM DESIGNS AVAILABLE
• THRU-HOLE AND SURFACE MOUNT
• IEEE 802.3 COMPATIBLE
PART
NUMBER
INDUCTANCE
uH
(±20%)
ET
CONSTANT
(V-uS MIN)
RISE
TIME
(nS MAX)
PRI/SEC
Cw/w
(pF MAX)
PRI/SEC
L
L
(uH MAX)
DCR
(OHM MAX)
PACKAGE
STYLE
XF05061A
XF07561A
XF10061A
XF15061A
XF05061B
XF07561B
XF10061B
XF15061B
XF05061C
XF07561C
XF10061C
XF15061C
50
75
100
150
50
75
100
150
50
75
100
150
2.1
2.1
2.1
2.8
1.0
1.4
1.5
1.8
2.1
2.1
2.1
2.8
2.8
2.8
2.8
3.0
1.8
1.8
1.8
1.8
2.8
2.8
2.8
3.0
10
10
10
10
5
7
8
9
10
10
10
10
0.20
0.20
0.20
0.20
0.10
0.10
0.10
0.10
0.20
0.20
0.20
0.20
0.20
0.20
0.20
0.25
0.15
0.17
0.20
0.20
0.20
0.20
0.20
0.25
A
A
A
A
B
B
B
B
C
C
C
C
ELECTRICAL SPECIFICATIONS:
ALL UNITS:
ISOLATION:
2,000 VRMS
DISSIPATION RATING:
75mW
INSULATION RESISTANCE:
10,000 MOHM
TURNS RATIO:
1:1
11


Similar Part No. - XF10061A

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF10061A XFMRS-XF10061A Datasheet
67Kb / 1P
   10BASE-T ISOLATION MODULE
XF10061A XFMRS-XF10061A Datasheet
45Kb / 2P
   10 BASE T MAGNETICS ISOLATION MAGNETICS
XF10061A XFMRS-XF10061A Datasheet
67Kb / 1P
   10BASE-T ISOLATION MODULE
XF10061A XFMRS-XF10061A_15 Datasheet
67Kb / 1P
   10 BASE-T ISOLATION MODULE
More results

Similar Description - XF10061A

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
2005 XFMRS-2005 Datasheet
45Kb / 2P
   10 BASE T MAGNETICS ISOLATION MAGNETICS
XF150667B XFMRS-XF150667B_15 Datasheet
62Kb / 1P
   10 BASE T ISOLATION MAGNETICS
XF200669B XFMRS-XF200669B_15 Datasheet
94Kb / 1P
   10 BASE T ISOLATION MAGNETICS
X20064B2 XFMRS-X20064B2_15 Datasheet
61Kb / 1P
   10 BASE T ISOLATION MAGNETICS
X20064B2 XFMRS-X20064B2 Datasheet
61Kb / 1P
   10 BASE T-ISOLATION MAGNETICS
XF20066B XFMRS-XF20066B Datasheet
46Kb / 1P
   10 BASE T ISOLATION MAGNETICS
X20064B1 XFMRS-X20064B1 Datasheet
52Kb / 1P
   10 BASE T-ISOLATION MAGNETICS
X20064B2 XFMRS-X20064B2 Datasheet
61Kb / 1P
   10 BASE T-ISOLATION MAGNETICS
XF20065A XFMRS-XF20065A Datasheet
133Kb / 1P
   10 BASE T ISOLATION MAGNETICS
XF20066B XFMRS-XF20066B Datasheet
56Kb / 1P
   10 BASE T ISOLATION MAGNETICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com