Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX529LG Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX529LG
Description  FFSK MODEM FOR TRUNKED RADIO SYSTEMS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX529LG Datasheet(HTML) 1 Page - CML Microcircuits

  FX529LG Datasheet HTML 1Page - CML Microcircuits FX529LG Datasheet HTML 2Page - CML Microcircuits FX529LG Datasheet HTML 3Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PRODUCT INFORMATION
CML Semiconductor Products
Product Summary
FX529 FFSK Modem for
Trunked Radio Systems
FX529
FFSK
RECEIVER
SYNC
SYNC
Rx ENABLE
1.008 MHz
OUTPUT
A
1
Rx DATA READY
Rx DATA RDY
Tx DATA RDY
Tx IDLE
TRANSMITTER
OUTPUT
Rx MESSAGE FORMAT
LO
Rx MESSAGE FORMAT
Rx CHECKSUM TRUE
HI
D
3
D
6
Tx DATA READY
D
0
A
0
Rx CARRIER DETECT
Tx PARITY ENABLE
D
2
D
5
Tx IDLE
D
7
Rx CHECKSUM TRUE
D
1
D
4
TIMER EXPIRED
Tx PARITY
ENABLE
SYNT
SYNT
Tx ENABLE
BYTE
STATUS
CONTROL
CHECKSUM
SYNC/SYNT
Tx DATA
BUFFER
Tx DATA
CHECKSUM
INTERRUPT
DATA
DATA
RECOVERED CLOCK
Rx CARRIER
DETECT
MICROPROCESSOR
INTERFACE
Rx DATA
BUFFER
BYTE
CARRIER DETECT
TIME CONSTANT
COUNTER
REGISTER
REGISTER
CLOCK
GENERATORS
TIMER
COUNTER
DETECTOR
8-bit µP BUS
Rx DATA
REGISTER
REGISTER
GENERATOR
GENERATOR
COUNTER
FFSK
TRANSMITTER
RECEIVER INPUT
XTAL/CLOCK
CLOCKS
V
DD
V
BIAS
V
SS
STROBE
XTAL
IRQ
R/W
1200/2400 Baud
Brief Description
The FX529 is a single-chip CMOS 1200 baud FFSK
Modem, designed primarily for use in trunked radio
systems but may also be employed in other general
purpose radio or line data communication applications.
This device conforms to both the PAA 1382 French
trunked radio, and the proposed ETSI
I-ETS 300 230 “Binary Interchange of Information and
Signalling” specifications.
The FX529 is full duplex at 1200 baud and includes
an 8-bit parallel microprocessor interface and a
programmable timer which may be set for interrupt
periods of between 8 and 120 bits.
Preamble data and an error-check word are
automatically generated in the transmit mode.
Error checking is performed and the 16-bit SYNC
(“1011010000110011”) or SYNT
(“0100101111001100”) word detected in the receive
mode.
An on-chip Xtal/clock generator requiring an
external 4.032MHz Xtal or clock input provides all
microcircuit filter sampling clocks and modem timings
whilst also supplying a “Clock “ 4” output (1.008MHz).
Pin and function compatible with the FX429, the
FX429 data sheet should be consulted when using this
device
The FX529, which has a powersaving facility,
requires a single 5-volt power supply and is available
in both cerdip DIL and plastic SMD packages.
Features
PAA 1382 and General Purpose
Trunked Radio Applications
Meets ETSI I-ETS 300 230 Binary
Signalling Specification
Full-Duplex 1200 Baud Operation
High Intelligence
Error Checking in Receive
Frame SYNC/SYNT Detection
Preamble Generation
µProcessor Compatible Interface
Carrier Detection On-Chip
General Purpose Timer
Error Check Word Generation


Similar Part No. - FX529LG

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FX525-120X120T2900 KEMET-FX525-120X120T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
FX525-240X80T2900 KEMET-FX525-240X80T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
FX525-80X80T2900 KEMET-FX525-80X80T2900 Datasheet
54Kb / 1P
   KEMET, FX5, Flex Suppressors, Noise Suppression
More results

Similar Description - FX529LG

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX429 CMLMICRO-FX429 Datasheet
483Kb / 14P
   BAND FFSK MODEM FOR TRUNKED RADIO SYSTEMS
FX439 CMLMICRO-FX439 Datasheet
305Kb / 7P
   FFSK MODEM
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
EPCOS
B3822 EPCOS-B3822_1 Datasheet
84Kb / 9P
   SAW filter Trunked Radio
B5046 EPCOS-B5046 Datasheet
105Kb / 9P
   SAW Rx Filter Trunked Radio
logo
Integrated Circuit Syst...
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
   Frequency Generator for Modem Systems
logo
rfsolutions.ltd
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
   RS232 RADIO MODEM
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1721B RFMD-SIW1721B Datasheet
432Kb / 12P
   BLUETOOTH짰 RADIO MODEM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com