Part Name
         Description
XF0053-01

 COMMON MODE CHOKES FOR TELECOM APPLICATIONS ( 2 Page)


XFMRS
100% 
Zoom Out Zoom In
   
 1 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
1
COMMON MODE CHOKES
FOR TELECOM APPLICATIONS
1,500
1,500
500
500
500
500
1.40
0.70
1.00
0.30
0.25
0.25
20
10
50
15
10
20
35
10
1
.20
.20
.20
Low Frequency
XF0063-01
XF0013-01
XF0053-01
High Frequency
XF0246-00
XF0086-00
XF0406-00
6.0 mH MIN
1.0 mH MIN
4.7 mH ± 30%
24.0 µH MIN
8.0 µH MIN
18.0 µH MIN
Isolation
(Vrms MIN)
DCR
(W
W
W
W
W
MAX)
Cw/w
(pF MAX)
LL sec
(µH MAX)
Part
Number
OCL
ELECTRICAL SPECIFICATIONS @ 25° C
• DESIGNED FOR 4-WIRE LINKS, SUCH AS ISDN-S/T AND T1 / E1 / CEPT
• HIGH FREQUENCY CHOKES FOR EMI REDUCTION
• LOW FREQUENCY CHOKES IMPROVE LONGITUDINAL BALANCE IN ISDN-S/T LINKS
• SURFACE MOUNT MODELS AVAILABLE
• CUSTOM VARIATIONS WELCOME
XF0063-01
XF0013-01
XF0053-01
XF0246-00
XF0086-00
XF0406-00
40
20
25
FREQUENCY
Part Number
COMMON MODE ATTENUATION (db TYPICAL, 100 OHM SYSTEM)
100KHz
40
30
40
15
15
25
1.0MHz
26
30
20
20
15
20
10.0MHz
16
25
15
20
20
20
30.0MHz
10
20
10
20
15
20
50.0MHz
20
15
20
100.0MHz
SCHEMATICS: SEE FOLLOWING PAGE
DIMENSIONS: SEE FOLLOWING PAGE



Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl