Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-WJBMSOP8 Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-WJBMSOP8
Description  2.7 V LASER DIODE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WJBMSOP8 Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-WJBMSOP8 Datasheet HTML 4Page - IC-Haus GmbH IC-WJBMSOP8 Datasheet HTML 5Page - IC-Haus GmbH IC-WJBMSOP8 Datasheet HTML 6Page - IC-Haus GmbH IC-WJBMSOP8 Datasheet HTML 7Page - IC-Haus GmbH IC-WJBMSOP8 Datasheet HTML 8Page - IC-Haus GmbH IC-WJBMSOP8 Datasheet HTML 9Page - IC-Haus GmbH IC-WJBMSOP8 Datasheet HTML 10Page - IC-Haus GmbH IC-WJBMSOP8 Datasheet HTML 11Page - IC-Haus GmbH IC-WJBMSOP8 Datasheet HTML 12Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
iC-WJB
2.7 V LASER DIODE DRIVER
Rev E1, Page 8/12
laser pulses indicate that the undervoltage detector is
active.
Time
0 A
V(CI)
2.55 V
2.45 V
I(KLD)
Figure 6: Turn-on behaviour, detailed view f(IN) =
100 kHz (1:1), CI = 470 nF, RSET = 10 kΩ
Time
I(KLD)
0 A
V(CI)
0 V
3.0 V
VCC
5.0 V
0 V
Figure 7: Turn-off behaviour, f(IN) = 100 kHz (1:1),
CI = 470 nF, RSET = 10 kΩ
Watchdog
The watchdog ensures that the capacitor CI is dis-
charged during protracted pulses at IN. During the
pulse pauses the voltage at CI increases by ∆V (Fig-
ure 3).
V =
I(ISET ) ∗ twlo
CI
The discharge of capacitor CI by the watchdog protects
the laser diode from being destroyed by an excessive
turn-on current during the next pulse.
The capacitor CWD should be dimensioned such that
the response time tp of the watchdog is slightly longer
than the pulse pause twlo of the input signal. As a re-
sult, the watchdog is just short of being activated.
For response times tp longer than tpmin applies:
CWD =
tp − tpmin
Kwd
with tpmin and Kwd from Electrical Characteristics
No. 407, 408.
Figure 8 shows the signals during normal operation,
without the watchdog being activated. The potential at
CWD rises during pulse pauses but does not reach the
watchdog activation threshold.
Time
0 A
300 uA
V(CI)
3 V
2 V
V(IN)
I(AMD)
V(CWD)
0 V
5 V
0 V
5.0 V
Figure 8: Watchdog, CWD open, f(IN) = 100 kHz
(1:1), CI = 470 nF, RSET = 10 kΩ
Time
0 A
300 uA
V(CI)
V(CWD)
V(IN)
I(AMD)
5.0 V
0 V
5.0 V
0 V
3.0 V
2.0 V
Figure 9: Watchdog, CWD open, f(IN) = 100 kHz →
10 kHz (1:1), CI = 470 nF, RSET = 10 kΩ
Figure 9 shows the watchdog behaviour when the in-
put frequency is reduced from 100 kHz to 10 kHz. The
pulse pauses are longer than the watchdog’s response
time. The watchdog begins to discharge the capacitor
CI current limited. The remaining charge time during
the pulse pauses before further watchdog intervention
is not sufficient to maintain the initial potential at CI.
The potential is thus gradually reduced until it reaches
the saturation voltage Vs(CI)wd (Electrical Characteris-
tics No. 405).
The watchdog therefore protects the laser diode from
destruction when the input signal change in such a
manner that the capacitor CI is not longer adequate
for averaging.


Similar Part No. - IC-WJBMSOP8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WJ ICHAUS-IC-WJ Datasheet
577Kb / 12P
   LASER DIODE DRIVER
IC-WJ ICHAUS-IC-WJ Datasheet
114Kb / 3P
   APPLICATION NOTES
IC-WJEVALWJ1D ICHAUS-IC-WJEVALWJ1D Datasheet
577Kb / 12P
   LASER DIODE DRIVER
IC-WJMSOP8 ICHAUS-IC-WJMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
IC-WJSO8 ICHAUS-IC-WJSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
More results

Similar Description - IC-WJBMSOP8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
logo
IC-Haus GmbH
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKMSOP8 ICHAUS-WKMSOP8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
   15 V CW LASER DIODE DRIVER
WKSO8 ICHAUS-WKSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN_14 Datasheet
543Kb / 12P
   15 V CW LASER DIODE DRIVER
logo
Analog Devices
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
logo
IC-Haus GmbH
WKLMSOP8 ICHAUS-WKLMSOP8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
   2.4 V CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com