Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7XF0256-S3 Datasheet(PDF) 1 Page - XFMRS Inc.

Part # 7XF0256-S3
Description  XFSMD3 SERIES INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

7XF0256-S3 Datasheet(HTML) 1 Page - XFMRS Inc.

  7XF0256-S3 Datasheet HTML 1Page - XFMRS Inc. 7XF0256-S3 Datasheet HTML 2Page - XFMRS Inc. 7XF0256-S3 Datasheet HTML 3Page - XFMRS Inc. 7XF0256-S3 Datasheet HTML 4Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XFMRS
XFMRS, INC.
1940 Landersdale Road • Camby, Indiana 46113 • Tel. (317) 834-1066 • Fax: (317) 834-1067
XFMRS
XFSMD3 SERIES INDUCTORS
• TRUE SURFACE MOUNT DESIGN
• ECONOMICAL, LOW COST SOLUTION TO YOUR POWER REQUIREMENTS
• CUSTOM VERSIONS AVAILABLE AT NO EXTRA COST
• TAPE AND REEL PACKAGING AVAILABLE
• LOW LOSS MPP CORE OR POWDERED IRON VERSIONS, BOTH STANDARD
• VERSATILE DUAL WINDING DESIGN, USE AS HIGH CURRENT CHOKE OR
ONE (1) TO ONE (1) TRANSFORMER
• CONSTANT INDUCTANCE UP TO 1.0 MHz
6XF4709-S3
6XF6809-S3
6XF0016-S3
6XF0026-S3
6XF0056-S3
6XF0086-S3
6XF0106-S3
6XF0156-S3
6XF0206-S3
6XF0256-S3
6XF0336-S3
6XF0506-S3
6XF0686-S3
6XF1006-S3
6XF1506-S3
6XF2006-S3
6XF3006-S3
7XF4709-S3
7XF6809-S3
7XF0016-S3
7XF0026-S3
7XF0056-S3
7XF0086-S3
7XF0106-S3
7XF0156-S3
7XF0206-S3
7XF0256-S3
7XF0336-S3
7XF0506-S3
7XF0686-S3
7XF1006-S3
7XF1506-S3
7XF2006-S3
7XF3006-S3
PART
NUMBER
INDUCTANCE
µH
CURRENT
ADC
DCR
OHMS
.42
.75
1.18
2.30
4.70
7.94
10.58
15.23
20.73
24.86
31.77
51.18
67.87
99.45
147.39
198.58
300.80
.44
.78
1.23
1.76
4.90
8.28
9.60
14.16
19.60
25.92
33.12
50.18
67.08
99.23
148.23
200.70
298.12
6.50
5.50
4.60
4.50
3.00
2.60
2.50
1.70
1.30
1.00
1.40
.92
.78
.63
.43
.39
.38
7.00
6.00
5.00
5.90
4.40
3.50
3.40
3.00
2.10
2.00
1.80
1.50
1.20
.92
.82
.64
.62
.005
.006
.008
.010
.021
.027
.032
.059
.107
.117
.106
.210
.304
.458
.561
.796
1.233
.004
.005
.006
.007
.014
.019
.020
.024
.055
.064
.072
.111
.158
.303
.372
.545
.672
INDUCTANCE
µH
CURRENT
ADC
DCR
OHMS
1.69
3.01
4.70
9.21
18.80
31.77
42.30
60.91
82.91
99.45
127.09
204.73
271.47
397.81
589.57
794.30
1203.20
1.76
3.14
4.90
7.06
19.60
33.12
38.42
56.64
78.40
103.68
132.50
200.70
268.32
396.90
592.90
802.82
1192.46
.019
.024
.029
.038
.084
.108
.125
.237
.427
.466
.421
.839
1.214
1.829
2.242
3.184
4.929
.016
.020
.024
.028
.056
.073
.079
.096
.220
.254
.288
.444
.630
1.210
1.488
2.180
2.687
3.25
2.75
2.30
2.25
1.50
1.30
1.25
.85
.65
.50
.70
.46
.39
.32
.22
.20
.19
3.50
3.00
2.50
2.95
2.20
1.75
1.70
1.50
1.05
1.00
.90
.75
.60
.46
.41
.32
.31
(ALL IN INCHES)
A
B
C MAX
.350
.450
.460
.550
.235
.275
SERIES RATINGS
PARALLEL RATINGS


Similar Part No. - 7XF0256-S3

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
7XF0256-S3 XFMRS-7XF0256-S3 Datasheet
32Kb / 4P
   XFSMD3 SERIES INDUCTORS
7XF0256-S3M XFMRS-7XF0256-S3M Datasheet
42Kb / 1P
   DUAL SURFACE MOUNT INDUCTOR
7XF0256-S3M XFMRS-7XF0256-S3M Datasheet
42Kb / 1P
   DUAL SURFACE MOUNT INDUCTOR
7XF0256-S3M XFMRS-7XF0256-S3M_15 Datasheet
42Kb / 1P
   DUAL SURFACE MOUNT INDUCTOR
7XF0256-S3P XFMRS-7XF0256-S3P Datasheet
58Kb / 1P
   INDUCTOR
More results

Similar Description - 7XF0256-S3

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
3006 XFMRS-3006 Datasheet
32Kb / 4P
   XFSMD3 SERIES INDUCTORS
XFWI252018 XFMRS-XFWI252018 Datasheet
83Kb / 2P
   SERIES INDUCTORS
XFWI321618 XFMRS-XFWI321618 Datasheet
77Kb / 2P
   SERIES INDUCTORS
XFWI322522 XFMRS-XFWI322522 Datasheet
94Kb / 2P
   SERIES INDUCTORS
XFSMD2 XFMRS-XFSMD2 Datasheet
47Kb / 1P
   SERIES INDUCTORS
XF2506S1 XFMRS-XF2506S1 Datasheet
39Kb / 1P
   SERIES INDUCTORS
XFHCL36-XXXX XFMRS-XFHCL36-XXXX Datasheet
52Kb / 1P
   SERIES INDUCTORS
XFTPRH1207B XFMRS-XFTPRH1207B Datasheet
42Kb / 1P
   SERIES INDUCTORS
XFWI321618 XFMRS-XFWI321618 Datasheet
77Kb / 2P
   SERIES INDUCTORS
XFHCL6LPA-XXX XFMRS-XFHCL6LPA-XXX Datasheet
406Kb / 3P
   SERIES INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com