Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA7191N Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA7191N
Description  Global VHS-format VCR Video Signal Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7191N Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA7191N Datasheet HTML 3Page - Sanyo Semicon Device LA7191N Datasheet HTML 4Page - Sanyo Semicon Device LA7191N Datasheet HTML 5Page - Sanyo Semicon Device LA7191N Datasheet HTML 6Page - Sanyo Semicon Device LA7191N Datasheet HTML 7Page - Sanyo Semicon Device LA7191N Datasheet HTML 8Page - Sanyo Semicon Device LA7191N Datasheet HTML 9Page - Sanyo Semicon Device LA7191N Datasheet HTML 10Page - Sanyo Semicon Device LA7191N Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Continued from preceding page.
Parameter
Symbol
Input Output
Conditions
min
typ
max
Unit
SLD detection current
ISLD1
T39A
T4A
T23A In PB mode, with S24: 3 and S23: off, input a
4 MHz 300 mVp-p continuous wave from
T39A, input a 50% white signal from T4A,
and measure the wave peak at T23A
ISLD1 = VOS1/1 kΩ
135
µA
ISLD2
T39A
T4A
T23A Same as above (however, S24 = 1)
ISLD2 = VOS2/1 kΩ
135
µA
2fsc output level
V2fsc
T21
In PB mode, measure the T21 output level
with an FET probe
480
640
800
mVp-p
Note) A trap (4.84 MHz for NTSC systems and 5.69 MHz for PAL systems) is required in the chroma playback system (between
pins 25 and 27 or between pins 31 and 29) in order to suppress unnecessary components in converter output.
LA7191N
No. 5471 - 7/11


Similar Part No. - LA7191N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7110 SANYO-LA7110 Datasheet
126Kb / 1P
   VTR TAPE END DETECTOR
LA7116 SANYO-LA7116 Datasheet
79Kb / 4P
   VCR Servo Interface
LA71170M SANYO-LA71170M Datasheet
463Kb / 34P
   LA71170M
LA71206M SANYO-LA71206M Datasheet
359Kb / 2P
   LA71206M
logo
List of Unclassifed Man...
LA71207M ETC-LA71207M Datasheet
359Kb / 2P
   LA71207M
More results

Similar Description - LA7191N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7391AN SANYO-LA7391AN Datasheet
303Kb / 11P
   Global VHS-format VCR Video Signal Processor?
LA7390N SANYO-LA7390N Datasheet
295Kb / 10P
   VHS-format VCR Video Signal Processor
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Mitsubishi Electric Sem...
M52057FP MITSUBISHI-M52057FP Datasheet
617Kb / 10P
   VHS SYSTEM VCR CHROMA SIGNAL PROCESSOR???
logo
Sanyo Semicon Device
LA7437 SANYO-LA7437 Datasheet
215Kb / 8P
   Video Signal Processing IC for VHS VCR Systems
LA7440 SANYO-LA7440 Datasheet
404Kb / 14P
   Video Signal Processing IC for VHS VCR Systems?
LA7449 SANYO-LA7449 Datasheet
398Kb / 14P
   Video Signal Processing IC for VHS VCR Systems?
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Sanyo Semicon Device
LA71525M SANYO-LA71525M Datasheet
277Kb / 25P
   Video/audio signal processor for VHS VCRs
LA7425 SANYO-LA7425 Datasheet
225Kb / 7P
   NTSC Format Single-Chip Processing IC for VHS VCR Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com