Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

iC-VJSO16N Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # iC-VJSO16N
Description  LASER DIODE CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

iC-VJSO16N Datasheet(HTML) 3 Page - IC-Haus GmbH

  iC-VJSO16N Datasheet HTML 1Page - IC-Haus GmbH iC-VJSO16N Datasheet HTML 2Page - IC-Haus GmbH iC-VJSO16N Datasheet HTML 3Page - IC-Haus GmbH iC-VJSO16N Datasheet HTML 4Page - IC-Haus GmbH iC-VJSO16N Datasheet HTML 5Page - IC-Haus GmbH iC-VJSO16N Datasheet HTML 6Page - IC-Haus GmbH iC-VJSO16N Datasheet HTML 7Page - IC-Haus GmbH iC-VJSO16N Datasheet HTML 8Page - IC-Haus GmbH iC-VJSO16N Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
iC-VJ, iC-VJZ
LASER DIODE CONTROLLER
Rev A1, Page 3/10
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Fig.
Unit
No.
Min.
Max.
G001 VCC
Supply Voltage
0
6
V
G002 I(AGND)
Current in AGND
-4
4
mA
G003 I(CI)
Current in CI
-4
4
mA
G004 V(KLD)
Voltage at KLD
PRF = lo
0
6
V
G005 I(KLD)
Current in KLD
PRF = hi
-4
600
mA
G006 I(AMD)
Current in AMD
iC-VJ
-4
4
mA
iC-VJZ
-6
6
mA
G007 I(PRF)
Current in PRF
-10
2
mA
G008 I(NPRF)
Current in NPRF
-10
2
mA
G009 I(R,RC)
Current in R, RC
-2
2
mA
G010 I(ISET)
Current at ISET
-2
2
mA
G011 I(MI)
Current in MI
-2
2
mA
G012 I(MO)
Current in MO
-2
2
mA
G013 Tj
Junction Temperature
-40
150
°C
G014 Ts
Storage Temperature
-40
150
°C
THERMAL DATA
Operating Conditions: VCC = 5 V ±10%
Item
Symbol
Parameter
Conditions
Fig.
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
(extended temperature range on
request)
-25
90
°C
T02
Rthja
Thermal Resistance Chip to Ambient
soldered on PCB, without special
cooling
140
K/W
All voltages are referenced to ground unless otherwise stated.
All currents into the device pins are positive; all currents out of the device pins are negative.


Similar Part No. - iC-VJSO16N

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-VP ICHAUS-IC-VP Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP ICHAUS-IC-VP Datasheet
256Kb / 6P
   PHOTO SWITCH
IC-VP-BLCC ICHAUS-IC-VP-BLCC Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP-BMST ICHAUS-IC-VP-BMST Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP-TO18-4F ICHAUS-IC-VP-TO18-4F Datasheet
127Kb / 5P
   PHOTOSWITCH
More results

Similar Description - iC-VJSO16N

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
Mitsubishi Electric Sem...
M66516FP MITSUBISHI-M66516FP Datasheet
228Kb / 10P
   LASER-DIODE DRIVER/CONTROLLER
logo
Renesas Technology Corp
M66515FP RENESAS-M66515FP Datasheet
173Kb / 12P
   Laser Diode Driver/Controller
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
logo
Summit Microelectronics...
SML2108 SUMMIT-SML2108 Datasheet
452Kb / 21P
   Laser Diode Adaptive Power Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com