Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-VJZ Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-VJZ
Description  LASER DIODE CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-VJZ Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-VJZ Datasheet HTML 2Page - IC-Haus GmbH IC-VJZ Datasheet HTML 3Page - IC-Haus GmbH IC-VJZ Datasheet HTML 4Page - IC-Haus GmbH IC-VJZ Datasheet HTML 5Page - IC-Haus GmbH IC-VJZ Datasheet HTML 6Page - IC-Haus GmbH IC-VJZ Datasheet HTML 7Page - IC-Haus GmbH IC-VJZ Datasheet HTML 8Page - IC-Haus GmbH IC-VJZ Datasheet HTML 9Page - IC-Haus GmbH IC-VJZ Datasheet HTML 10Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
iC-VJ, iC-VJZ
LASER DIODE CONTROLLER
Rev A1, Page 6/10
DESCRIPTION OF FUNCTIONS
Laser Power Adjustment
The iC-VJ and iC-VJZ devices can be adapted to CW
laser diodes from 2 to 40 mW. Models can be used in
which the cathode of the monitor diode is connected to
the anode or the cathode of the laser diode.
The driver output, pin KLD, permits laser diode cur-
rents of up to 250 mA. In the event of a thermal over-
load due to excessive high power dissipation, the
driver is turned off.
The pin ISET is used for the adjustment to the sensi-
tivity of the monitor diode and to set the desired optical
laser power. The setpoint for the average control of the
monitor diode current is preset at this pin, by connect-
ing it either to a resistor or a current source.
When connected to a current source, by means of an
operational amplifier with current output (OTA) for ex-
ample, the laser power can also be modulated. In or-
der to limit the current at pin ISET when turning on the
supply for the OTA, however, the OTA output should be
connected to the base point of RSET.
The maximum current possible at ISET must be taken
into consideration when dimensioning the capacitor
C2.
Example iC-VJ
Laser diode with 5 mW maximum optical output, mon-
itor diode with 0.13 mA/mW, average power 1 mW
(peak power 2 mW; pulse duty ratio Twhi / T is 50%).
RSET is calculated as:
RSET =
CR1 ∗ V (ISET )
I(AMD)
=
1 ∗ 1.22 V
0.13 mA
≈ 9.4 k Ω
with the Electrical Characteristics No. 501 for V(ISET)
and with No. 107 for current ratio CR1.
Example iC-VJZ
Laser diode with 5 mW maximum optical output, mon-
itor diode with 0.75 mA at 3 mW, average power 1 mW
(peak 2 mW; pulse duty ratio Twhi / T is 50%).
For the average monitor current of 0.25 mA the resistor
RSET is calculated as:
RSET =
CR1 ∗ V (ISET )
I(AMD)
=
3 ∗ 1.22 V
0.25 mA
≈ 14.6 k Ω
with the Electrical Characteristics No. 501 for V(ISET)
and with No. 107 (iC-VJZ) for current ratio CR1.
DC−Monitor
5V
Sync
16:1
NQ
NQ
Q
1
7
4
2
3
5
6
DRIVER
OSCILLATOR
POWER ON
TH−SHUTDOWN
DIVIDER
REFERENCE
MONITOR
OUTPUT
R1
800
C1
100pF
RSET
R3
10k
C2
470nF
C3
100nF
C4
100
µF
15
NPRF
9
CI
5
R
13
MO
11
ISET
4
MI
AMD
12
VCC
6
RC
3
GND
7
AGND
14
PRF
KLD
MD
LD
iC−VJ/VJZ
1:1 iC−VJ
1:3 iC−VJZ
Figure 1: Operation of a laser diode according to the example


Similar Part No. - IC-VJZ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-VP ICHAUS-IC-VP Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP ICHAUS-IC-VP Datasheet
256Kb / 6P
   PHOTO SWITCH
IC-VP-BLCC ICHAUS-IC-VP-BLCC Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP-BMST ICHAUS-IC-VP-BMST Datasheet
127Kb / 5P
   PHOTOSWITCH
IC-VP-TO18-4F ICHAUS-IC-VP-TO18-4F Datasheet
127Kb / 5P
   PHOTOSWITCH
More results

Similar Description - IC-VJZ

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
   LASER DIODE CONTROLLER
logo
Mitsubishi Electric Sem...
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
   LASER-DIODE DRIVER/CONTROLLER
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
   Laser-diode driver / controller
logo
Renesas Technology Corp
M61880FP RENESAS-M61880FP Datasheet
228Kb / 21P
   Laser Diode Driver/Controller
logo
Mitsubishi Electric Sem...
M66516FP MITSUBISHI-M66516FP Datasheet
228Kb / 10P
   LASER-DIODE DRIVER/CONTROLLER
logo
Renesas Technology Corp
M66515FP RENESAS-M66515FP Datasheet
173Kb / 12P
   Laser Diode Driver/Controller
logo
Intersil Corporation
X9530_0511 INTERSIL-X9530_0511 Datasheet
372Kb / 28P
   Temperature Compensated Laser Diode Controller
logo
Micrel Semiconductor
SY88905 MICREL-SY88905_05 Datasheet
82Kb / 10P
   LASER DIODE CONTROLLER WITH APC
logo
Summit Microelectronics...
SML2108 SUMMIT-SML2108 Datasheet
452Kb / 21P
   Laser Diode Adaptive Power Controller
logo
Intersil Corporation
X9530 INTERSIL-X9530 Datasheet
444Kb / 30P
   Temperature Compensated Laser Diode Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com