Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-TW4EVALTW41D Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-TW4EVALTW41D
Description  PROGRAMMABLE INTERPOLATOR WITH AUTOMATIC OFFSET CORRECTION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-TW4EVALTW41D Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-TW4EVALTW41D Datasheet HTML 1Page - IC-Haus GmbH IC-TW4EVALTW41D Datasheet HTML 2Page - IC-Haus GmbH IC-TW4EVALTW41D Datasheet HTML 3Page - IC-Haus GmbH IC-TW4EVALTW41D Datasheet HTML 4Page - IC-Haus GmbH IC-TW4EVALTW41D Datasheet HTML 5Page - IC-Haus GmbH IC-TW4EVALTW41D Datasheet HTML 6Page - IC-Haus GmbH IC-TW4EVALTW41D Datasheet HTML 7Page - IC-Haus GmbH IC-TW4EVALTW41D Datasheet HTML 8Page - IC-Haus GmbH IC-TW4EVALTW41D Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
iC-TW4 PROGRAMMABLE INTERPOLATOR
WITH AUTOMATIC OFFSET CORRECTION
Rev D1, Page 5/14
ELECTRICAL CHARACTERISTICS
Operating conditions: VDD = 3.0...5.5 V, Ta = -40...125 °C, reference point GND unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
001
VDD
Permissible Supply Voltage VDD
3.0
5.5
V
002
I(VDD)
Total Supply Current
VDD = 3.3 V; f()in = 0 Hz
5
mA
VDD = 3.3 V; f()in = 100 kHz
8
mA
VDD = 5.5 V; f()in = 0 Hz
10
mA
VDD = 5.5 V; f()in = 100 kHz
15
mA
003
Vc()hi
Clamp-Voltage hi at all pins
Vc()hi = V() - VDD; I() = 10 mA
0.5
1.2
V
004
Vc()lo
Clamp-Voltage lo at all pins
I() = -10 mA
-1.2
-0.3
V
Amplifier Inputs PINA, NINA, PINB, NINB
A01
Vin()sig
Permissible Input Voltage Range
1.4
VDD - 1
V
A02
G
Nominal Gain Step Size
6.0
dB
A03
AGA()
Absolute Gain Accuracy
±1
dB
A04
CGM
Gain Matching
G(CHA) vs. G(CHB)
0.85
1.15
A05
Vos()in
Input Referred Offset Voltage
-12
12
mV
A06
Vosr()out
Output Referred Offset Correc-
tion Range
±248
mV
A07
fmax()in
Maximum Input Frequency For
Offset Correction
fosc
/20000
A08
Ilk()
Input Current
V() = 0 .. VDD
-50
50
nA
Oscillator
B01
fosc
Internal Oscillator Frequency
VDD = 3.0 V
15
24
MHz
B02
f(T)
Frequency Variation
Tj = -40 to 125°C, VDD const.
-20
0
%
B03
f(V)
Frequency Variation
VDD = 3.0 V to 5.5 V, Tj const.
0
25
%
Zero Input Signals PINZ, NINZ
C01
Vin()sig
Permissible Input Signal Range
0.0
VDD
V
C02
Vin()os
Input Referred Offset Voltage
-15
15
mV
C03
Ilk()
Input Current
V() = 0 .. VDD
-50
50
nA
Digital Outputs A, NA, B, NB, Z, NZ
D01
I()max
Permissible DC Load Current
source and sink, per pin
-10
10
mA
D02
Vs()hi
Output Saturation Voltage hi
Vs()hi = V(VDD) -V(); I() = -6 mA;
VDD = 3.3 V +/- 10 %
0.65
V
VDD = 5 V +/- 10 %
0.5
V
D03
Isc()hi
Short-Circuit Current hi
V() = GND; short-circuit time 10 ms maximum
-100
-10
mA
D04
Vs()lo
Output Saturation Voltage lo
I() = 6 mA;
VDD = 3.3 V +/- 10 %
0.5
V
VDD = 5 V +/- 10 %
0.35
V
D05
Isc()lo
Short-Circuit Current lo
V() = VDD; short-circuit time 10 ms maximum
10
140
mA
D06
tr()
Rise Time
V(): 10 to 90%,
4
ns
VDD = 3.3 V,
CL() = 10 pF
D07
tf()
Fall Time
V(): 90 to 10%,
4
ns
VDD = 3.3 V,
CL() = 10 pF
D08
twhi
Duty Cyle at Output A, B
referred to period T, see Fig. 1
50
%
D09
tAB
Output Phase A vs. B
referred to period T, see Fig. 1
25
%
D10
tMTD
Minimum Transition Distance
see Fig. 1
1/fosc


Similar Part No. - IC-TW4EVALTW41D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-TW11 ICHAUS-IC-TW11 Datasheet
786Kb / 25P
   10-BIT ULTRA LOW POWER MAGNETIC ABSOLUTE ROTARY ENCODER
IC-TW14 ICHAUS-IC-TW14 Datasheet
684Kb / 33P
   IC-PMX Companion Chip
IC-TW2 ICHAUS-IC-TW2 Datasheet
459Kb / 30P
   8-BIT SIN/COS INTERPOLATION IC WITH INTEGRATED EEPROM
IC-TW2 ICHAUS-IC-TW2 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-TW28 ICHAUS-IC-TW28 Datasheet
2Mb / 80P
   10-BIT SIN/COS INTERPOLATOR
More results

Similar Description - IC-TW4EVALTW41D

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN839 SILABS-AN839 Datasheet
131Kb / 5P
   Novel Current-Sense Measurement with Automatic Offset Correction
logo
Sanyo Semicon Device
LC7972VA SANYO-LC7972VA Datasheet
65Kb / 4P
   CMOS Operational Amplifier with Programmable Offset Correction Function
logo
Texas Instruments
PGA308 TI1-PGA308_16 Datasheet
1Mb / 30P
[Old version datasheet]   Programmable Gain and Offset
TMP451-Q1 TI1-TMP451-Q1_V01 Datasheet
1Mb / 37P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
TMP451-Q1 TI1-TMP451-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   짹1째C remote and local temperature sensor with 管-factor and offset correction, series-resistance cancellation, and programmable digital filter
logo
IC-Haus GmbH
IC-TW8 ICHAUS-IC-TW8 Datasheet
420Kb / 2P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
IC-TW8 ICHAUS-IC-TW8_13 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
logo
Texas Instruments
TMP451 TI-TMP451 Datasheet
990Kb / 27P
[Old version datasheet]   짹1째C Remote and Local Temperature Sensor with 管-Factor and Offset Correction
TMP451 TI1-TMP451_15 Datasheet
1Mb / 41P
[Old version datasheet]   TMP451 짹1째C Remote and Local Temperature Sensor With 管-Factor and Offset Correction, Series-Resistance Cancellation, and Programmable Digital Filter
logo
IC-Haus GmbH
TW8 ICHAUS-TW8 Datasheet
1Mb / 63P
   16-BIT SIN/COS INTERPOLATOR WITH AUTO-CALIBRATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com