Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV8380 Datasheet(PDF) 4 Page - CML Microcircuits

Part # EV8380
Description  Family Radio Processor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV8380 Datasheet(HTML) 4 Page - CML Microcircuits

  EV8380 Datasheet HTML 1Page - CML Microcircuits EV8380 Datasheet HTML 2Page - CML Microcircuits EV8380 Datasheet HTML 3Page - CML Microcircuits EV8380 Datasheet HTML 4Page - CML Microcircuits EV8380 Datasheet HTML 5Page - CML Microcircuits EV8380 Datasheet HTML 6Page - CML Microcircuits EV8380 Datasheet HTML 7Page - CML Microcircuits EV8380 Datasheet HTML 8Page - CML Microcircuits EV8380 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Evaluation Kit for CMX838 Family Radio Processor
4
EV8380 User Manual
¤
¤
¤
¤2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480230.001
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
1
Preliminary Information
1.1
Laboratory Equipment
The following laboratory equipment is needed to use this evaluation kit:
1) 2.7-5.5VDC Power Supply. Note that there is no on-board regulator on the EV8380, so the power
supply should be set to the desired operating voltage. Please refer to the CMX838 data bulletin for
information on maximum allowed voltage settings.
2) An IBM compatible PC; 66MHz ‘486 or better, running Microsoft Windows
TM 95/98/2000. The PCMCIA
card used by the EV8380 does not provide support for Windows
TMNT.
3) An available PCMCIA slot for the PCMCIA interface card.
1.2
Handling Precautions
Like most evaluation kits, this product is designed for use in office and laboratory environments. The following
practices will help ensure its proper operation.
1.2.1
Static Protection
This product uses low power CMOS circuits which can be damaged by electrostatic discharge. Partially
damaged circuits can function erroneously and lead to deceptive results. Observe ESD precautions at all
times when handling this product.
1.2.2
Contents - Unpacking
Please ensure that you have received all of the items on the separate information sheet (EK8380) and notify
MX-COM within 7 working days if the delivery is incomplete.
2
General Description
The EV8380 is the evaluation platform for the CMX838, MX-COM’s advanced processor IC for FRS, GMRS,
and PMR446 radio services. This innovative device combines much of the audio processing, subaudio
processing, and RF synthesizer components that are required for a complete FRS radio. With the addition of
a few external components, realistic testing of FRS systems utilizing the CMX838 can be performed.
The EV8380 is shipped from the factory pre-configured for operation:
1) With a 4.0MHz crystal as the CMX838’s clock source.
2) With the CMX838 power supplied from the VDD IN pin (P1:2) and AGND (P1:3).
3
Operation
This section provides instructions for users who wish to experiment immediately with the evaluation kit. A
more complete description of the kit and its operation appears later in this document.
The EV8380 offers considerable configuration flexibility, such as the ability to select different power supplies
and timing sources. The EV8380 is shipped from the factory for operation at 5.0V with an external 4.0MHz
crystal installed. While other configurations are possible, the following information will allow the user to
operate the EV8380 with a minimum of adjustments.
3.1
Setting-Up
1) Make sure power is not applied to the EV8380.
2) Install PCMCIA software from supplied CD-ROM:
Install “EV8380 Software VerX.X” CD-ROM. (X.
X will be a version number e.g. “1.2”.)
Go into “Windows Explorer”, open the CD-ROM drive selection, and select “Disk 1”.
Double click the “Setup.exe” file.
o
For Windows 95/98 systems, when prompted, select “yes” to allow modifications to the
“AUTOEXEC.BAT” and “CONFIG.SYS” files.
Once the installation of the EV8380 software is complete, reboot the computer.


Similar Part No. - EV8380

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EV83T37A MICROCHIP-EV83T37A Datasheet
1,020Kb / 20P
   12-18GHz 20W GaN PA MMIC
Rev E
More results

Similar Description - EV8380

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SIW3000 RFMD-SIW3000 Datasheet
386Kb / 24P
   ULTIMATEBLUE RADIO PROCESSOR
logo
ATMEL Corporation
PC8245 ATMEL-PC8245 Datasheet
429Kb / 61P
   Integrated Processor Family
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
   Video Processor Family
logo
ATMEL Corporation
PC8240 ATMEL-PC8240 Datasheet
421Kb / 42P
   Integrated Processor Family
logo
Micronas
VDP313XY MICRONAS-VDP313XY Datasheet
1Mb / 76P
   Video Processor Family
logo
STMicroelectronics
STA1080 STMICROELECTRONICS-STA1080 Datasheet
253Kb / 13P
   Accordo2 family - Dual core processor for car radio and display audio applications
August 2015 Rev 1
logo
List of Unclassifed Man...
GA-P31-S3G ETC1-GA-P31-S3G Datasheet
4Mb / 84P
   LGA775 socket motherboard for Intel짰 CoreTM processor family/ Intel짰 Pentium짰 processor family/Intel짰 Celeron짰 processor family
logo
STMicroelectronics
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
   Car radio signal processor
December 2008 Rev 2
TDA7460N STMICROELECTRONICS-TDA7460N Datasheet
227Kb / 31P
   CAR RADIO SIGNAL PROCESSOR
TDA7461N STMICROELECTRONICS-TDA7461N_03 Datasheet
360Kb / 32P
   CAR RADIO SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com