Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PT3320 Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-PT3320
Description  6-CH. PHASED ARRAY OPTO ENCODER (33-2000)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PT3320 Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-PT3320 Datasheet HTML 1Page - IC-Haus GmbH IC-PT3320 Datasheet HTML 2Page - IC-Haus GmbH IC-PT3320 Datasheet HTML 3Page - IC-Haus GmbH IC-PT3320 Datasheet HTML 4Page - IC-Haus GmbH IC-PT3320 Datasheet HTML 5Page - IC-Haus GmbH IC-PT3320 Datasheet HTML 6Page - IC-Haus GmbH IC-PT3320 Datasheet HTML 7Page - IC-Haus GmbH IC-PT3320 Datasheet HTML 8Page - IC-Haus GmbH IC-PT3320 Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
preliminary
preliminary
iC-PT 3320
6-CH. PHASED ARRAY OPTO ENCODER (33-2000)
Rev A6, Page 4/9
PACKAGE DIMENSIONS
5
1.90
TOP
SIDE
3.60
0.50
0.23
BOTTOM
3.60
0.50
0.30
4.90
R0.15
RECOMMENDED PCB-FOOTPRINT
dra_pt33xx-oqfn32-2_pack_1, 10:1
Maximum molding excess +20 µm / -200 µm versus surface of glass.
All dimensions given in mm.


Similar Part No. - IC-PT3320

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
IC-PT3324OQFN32-5X5 ICHAUS-IC-PT3324OQFN32-5X5 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
IC-PT3325 ICHAUS-IC-PT3325 Datasheet
931Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2500)
IC-PT3325OQFN32-5X5 ICHAUS-IC-PT3325OQFN32-5X5 Datasheet
931Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2500)
More results

Similar Description - IC-PT3320

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PT3325 ICHAUS-IC-PT3325 Datasheet
931Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2500)
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
IC-PT3310 ICHAUS-IC-PT3310 Datasheet
641Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1000)
IC-PT3313 ICHAUS-IC-PT3313 Datasheet
727Kb / 12P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1250)
IC-PT2610 ICHAUS-IC-PT2610 Datasheet
900Kb / 11P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1000)
IC-PT2613 ICHAUS-IC-PT2613 Datasheet
929Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1250)
IC-PTH ICHAUS-IC-PTH Datasheet
1Mb / 14P
   6-CH. PHASED ARRAY OPTO ENCODERS
IC-LTA ICHAUS-IC-LTA_16 Datasheet
844Kb / 15P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA_13 Datasheet
1,007Kb / 13P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA Datasheet
784Kb / 14P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com