Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PT3310OQFN32-5X5 Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-PT3310OQFN32-5X5
Description  6-CH. PHASED ARRAY OPTO ENCODER (33-1000)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PT3310OQFN32-5X5 Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-PT3310OQFN32-5X5 Datasheet HTML 1Page - IC-Haus GmbH IC-PT3310OQFN32-5X5 Datasheet HTML 2Page - IC-Haus GmbH IC-PT3310OQFN32-5X5 Datasheet HTML 3Page - IC-Haus GmbH IC-PT3310OQFN32-5X5 Datasheet HTML 4Page - IC-Haus GmbH IC-PT3310OQFN32-5X5 Datasheet HTML 5Page - IC-Haus GmbH IC-PT3310OQFN32-5X5 Datasheet HTML 6Page - IC-Haus GmbH IC-PT3310OQFN32-5X5 Datasheet HTML 7Page - IC-Haus GmbH IC-PT3310OQFN32-5X5 Datasheet HTML 8Page - IC-Haus GmbH IC-PT3310OQFN32-5X5 Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
preliminary
preliminary
iC-PT 3310
6-CH. PHASED ARRAY OPTO ENCODER (33-1000)
Rev A6, Page 1/9
FEATURES
o Monolithic photodiode array with excellent signal matching
o Very compact size for small encoders
o Moderate track pitch for relaxed assembly tolerances
o Low noise signal amplifiers with high EMI tolerance
o Single-pin programming of 3 operating modes:
analog, digital, and x2 interpolation
o A-AND-B gated Z index signal
o Complementary outputs: A, B, Z and NA, NB, NZ
o U, V, W commutation signals (digital/analog)
o All outputs +/- 4 mA push-pull, current-limited and
short-circuit-proof
o LED power control with 40 mA high-side driver
o Single 3.5 V to 5.5 V operation, low power consumption
o Operating temperature range of -40 to +85 °C
(optional -40 to +120 °C)
o Suitable code disc: PT2S 33-1000 (glass)
OD ∅33.2 mm, ID ∅13.0 mm, optical radius 14.5 mm,
1000 ppr and 3 ppr commutation (120°)
APPLICATIONS
o Incremental encoder
o BLDC motor commutation
PACKAGES
optoQFN32-5x5
5 mm x 5 mm x 0.9 mm
BLOCK DIAGRAM
OUTPUT
AND
W
PZ
COMMUTATION
QUADRATURE
POWER-ON RESET
INDEX
NB
NA
LED
POWER
CONTROL
iC-PT
PB
PA
NZ
U
V
OUTPUT
COMPARATION
SIGNAL
R1
47
1μF
C1
+
-
+3.5..5.5V
D1
W
V
TIP
TIN
U
LED
PA
NZ
PZ
NB
PB
NA
SEL
GND
VCC
47
R1
D1
C1
1μF
Copyright © 2011 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-PT3310OQFN32-5X5

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PT3313 ICHAUS-IC-PT3313 Datasheet
727Kb / 12P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1250)
IC-PT3313OQFN32-5X5 ICHAUS-IC-PT3313OQFN32-5X5 Datasheet
727Kb / 12P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1250)
More results

Similar Description - IC-PT3310OQFN32-5X5

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PT3325 ICHAUS-IC-PT3325 Datasheet
931Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2500)
IC-PT3320 ICHAUS-IC-PT3320 Datasheet
639Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-2000)
IC-PT3324 ICHAUS-IC-PT3324 Datasheet
640Kb / 9P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1024)
IC-PT3313 ICHAUS-IC-PT3313 Datasheet
727Kb / 12P
   6-CH. PHASED ARRAY OPTO ENCODER (33-1250)
IC-PT2610 ICHAUS-IC-PT2610 Datasheet
900Kb / 11P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1000)
IC-PT2613 ICHAUS-IC-PT2613 Datasheet
929Kb / 10P
   6-CH. PHASED ARRAY OPTO ENCODER (26-1250)
IC-PTH ICHAUS-IC-PTH Datasheet
1Mb / 14P
   6-CH. PHASED ARRAY OPTO ENCODERS
IC-LTA ICHAUS-IC-LTA_16 Datasheet
844Kb / 15P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA_13 Datasheet
1,007Kb / 13P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
IC-LTA ICHAUS-IC-LTA Datasheet
784Kb / 14P
   6-CH. INCREMENTAL OPTO ENCODER ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com