Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EV0171 Datasheet(PDF) 5 Page - CML Microcircuits

Part # EV0171
Description  Evaluation Kit User Manual
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV0171 Datasheet(HTML) 5 Page - CML Microcircuits

  EV0171 Datasheet HTML 1Page - CML Microcircuits EV0171 Datasheet HTML 2Page - CML Microcircuits EV0171 Datasheet HTML 3Page - CML Microcircuits EV0171 Datasheet HTML 4Page - CML Microcircuits EV0171 Datasheet HTML 5Page - CML Microcircuits EV0171 Datasheet HTML 6Page - CML Microcircuits EV0171 Datasheet HTML 7Page - CML Microcircuits EV0171 Datasheet HTML 8Page - CML Microcircuits EV0171 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Evaluation Kit User Manual for CMX017
EV0171
© 1999 Consumer Microcircuits Limited
5
UM0171/2
1.3
Quick Start
This section provides instructions for users who wish to experiment immediately with the evaluation kit.
A fuller description of the kit and its use appears later in this document.
1.3.1
Setting-Up
The EV0171 comes pre-configured for an RF operating frequency of 860MHz. The output power
at PAOUT, J1, is set to approximately 100mW when terminated with 50
Ω.
Using suitable coaxial cable and adapters, connect PAOUT, J1, to the 50
Ω input of a Radio
Communications test set, or similar. Ensure this input can accept power levels > +20dBm without
damage. Use an appropriate 50
Ω inline attenuator if necessary.
Connect MODIN, TP1, to the output of a modulation (FM or FSK) source. Ensure the signal level does
not exceed the maximum level specified in device datasheet.
Select the required RF operating frequency (860 - 935 MHz) by setting the frequency potentiometer,
RV2.
Apply power to the input supply connector, J2, from a suitable 6 - 12 V dc power supply.
Operate switches SW1:1 and SW1:2 to enable the PA stage and modulator respectively.
To minimise the regulator (U2) power dissipation whilst operating for long periods with maximum gain,
it is recommended that the input voltage, VIN, is kept below 9V.
1.3.2
Adjustments
To adjust the gain of the CMX017 PA driver slowly turn the trimmer potentiometer, RV1. Using RV1,
the power level at PAOUT can be adjusted by typically 20dB.
A new RF operating frequency can be obtained by adjusting the trimmer potentiometer, RV2.


Similar Part No. - EV0171

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EV01 OMRON-EV01 Datasheet
1Mb / 12P
   Sensor Evaluation Board
2019
logo
List of Unclassifed Man...
EV0100 ETC-EV0100 Datasheet
102Kb / 2P
   SINGLE TONE SIREN/ALARM SOUND GENERATOR
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
   User Manual
More results

Similar Description - EV0171

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV6040 CMLMICRO-EV6040 Datasheet
902Kb / 13P
   Evaluation Kit User Manual
EV6020 CMLMICRO-EV6020 Datasheet
931Kb / 13P
   Evaluation Kit User Manual
logo
Teridian Semiconductor ...
73M1966B TERIDIAN-73M1966B_V01 Datasheet
345Kb / 18P
   Evaluation Kit User Manual
March 19, 2009 Rev. 1.0
logo
CML Microcircuits
EV8000 CMLMICRO-EV8000 Datasheet
366Kb / 35P
   Evaluation Kit User
logo
Exar Corporation
XR2206D-F EXAR-XR2206D-F Datasheet
148Kb / 12P
   Evaluation System User Manual
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
MSP-EXP430G2 TI-MSP-EXP430G2 Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
SiTime Corp.
SIT6722EB SITIME-SIT6722EB Datasheet
534Kb / 8P
   SiT6722EB Evaluation Board User Manual
Rev 2.02
logo
Analog Devices
AN5263 AD-AN5263 Datasheet
1Mb / 26P
   78M6631 Evaluation Board User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com