Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX812 Datasheet(PDF) 6 Page - CML Microcircuits

Part # MX812
Description  VSR CODEC WITH DRAM CONTROL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX812 Datasheet(HTML) 6 Page - CML Microcircuits

Back Button MX812 Datasheet HTML 2Page - CML Microcircuits MX812 Datasheet HTML 3Page - CML Microcircuits MX812 Datasheet HTML 4Page - CML Microcircuits MX812 Datasheet HTML 5Page - CML Microcircuits MX812 Datasheet HTML 6Page - CML Microcircuits MX812 Datasheet HTML 7Page - CML Microcircuits MX812 Datasheet HTML 8Page - CML Microcircuits MX812 Datasheet HTML 9Page - CML Microcircuits MX812 Datasheet HTML 10Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
VSR CODEC with DRAM CONTROL
6
MX812 PRELIMINARY INFORMATION
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480076.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
The Controlling System: C-BUS Hardware Interface
C-BUS is MX-COM's proprietary standard for the transmission of commands and data between a
µController and MX-COM's
New Generation integrated circuits. C-BUS is designed for a low IC pin-count, flexibility in handling variable amounts of data,
and simplicity of system design and
µController software.
It may be used with any
µController, and can, if desired, take advantage of the hardware serial I/O functions built into many
types of
µController. Because of this flexibility and because the BUS data-rate is determined solely by the µController, the
system designer can choose a
µController appropriate to the overall system processing requirements.
Control of the functions and levels within the MX812 VSR Codec is by a group of Address/Commands and appended data
instructions from the system
µController to set/adjust the functions and elements of the MX812. The use of these instructions
is detailed in the following paragraphs and tables.
Command
Address/Command (A/C) Byte
+
Data
Assignment
Hex.
Binary
Byte/s
MSB
LSB
General Reset
01
0
0
0
00001
Write to Mode Register
60
0
1
1
00000
+
1 byte Instruction to Mode Register
Read Status Register
61
0
1
1
00001
+
1 byte Reply from Status Register
Store/Play Page
62
0
1
1
00010
+
2 bytes Command
Wait
63
0
1
1
00011
Table 1 – C-BUS Address/Commands
“Write to Mode Register”
– A/C 60
H, followed by 1 byte of Command Data.
Interrupts
The MX812's Interrupt Output is driven by the Status Bit 7 (IF)
when the Mode Register Bit7 (IE) is set to a “1.”
The IF bit and the Interrupt Output (If enabled) are set when
the Store/Play/Wait command Buffer is emptied (MT bit) by
transferring from the buffer to the DRAM control circuits.
and/or
The IF bit and the Interrupt Output (if enabled) are set when
a Store, Play or Wait command has finished and the Command
Buffer is empty.
The notes below illustrate the IRQ pin conditions:
IF Bit
IE Bit
IRQ
“0” cleared
“0” disable
High Z
“0” cleared
“1” enable
High Z
“1” Interrupt
“0” disable
High Z
“1” Interrupt
“1” enable
V
SS (logic “0”)
“General Reset” – A/C 01
H
Upon Power-Up the “bits” in the MX812 registers will be
random (either “0” or “1”). A General Reset Command (01
H)
will be required to “reset” all microcircuits on the C-BUS, and
has the following effect upon the MX812.
Clear all Mode Register bits to “0”
Status Register Bit 7 (IF) to “0”
Bits 5 and 6 (MT and I) to “1”
Halt any current Store, Play or Wait execution
Clear the Store/Play/Wait Command Buffer
Interrupt Output – IE
Controls the MX812 IRQ output driver.
Sampling Rates – SR
The CVSD Codec sampling rates. Accurate rates depend
upon the applied Xtal/clock frequency (see Table 5).
Memory Size – MS
The MX812 can operate with 1 x 1Mbit, 2 x 1Mbit or
1 x 4Mbit of DRAM (see Figure 4).
Powersave – PS
Powersaves the CVSD Codec only. Logic functions and
DRAM refresh are maintained.
Decode/Encode – DE
The Codec and DRAM operational mode.“
“Play” or “Store”
Mode Bits
Transmitted to 812 First
Interrupt Output
Enable
Disable
Sampling Rate
63kb/s
32kb/s
Memory (DRAM) Size
Single 4Mbit
1 or 2 x 1Mbit
Powersave
CVSD Codec Powersaved
CVSD Codec Powered
Decode/Encode
Decode – Play Mode
Encode – Store Mode
Not Used
Set to ‘zeros’
Setting
MSB
7
1
0
6
1
0
5
1
0
4
1
0
3
1
0
21
0
00
0
Table 2 - Control Register


Similar Part No. - MX812

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX812 ETC1-MX812 Datasheet
115Kb / 13P
   VSR CODEC WITH DRAM CONTROL
MX812DW ETC1-MX812DW Datasheet
115Kb / 13P
   VSR CODEC WITH DRAM CONTROL
MX812J ETC1-MX812J Datasheet
115Kb / 13P
   VSR CODEC WITH DRAM CONTROL
More results

Similar Description - MX812

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX812 ETC1-MX812 Datasheet
115Kb / 13P
   VSR CODEC WITH DRAM CONTROL
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
logo
Cirrus Logic
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
CS4223 CIRRUS-CS4223 Datasheet
778Kb / 32P
   24-Bit 105 dB Audio Codec with Volume Control
logo
Wolfson Microelectronic...
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
   24-bit, 192kHz 6-Channel Codec with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
   24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
   24-bit, 192kHz 8-Channel Codec with Volume Control
logo
Cirrus Logic
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com