Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-PD3948OQFN32-5X5 Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-PD3948OQFN32-5X5
Description  5-CHAN. PHASED ARRAY SINE ENCODER 39-2048
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PD3948OQFN32-5X5 Datasheet(HTML) 9 Page - IC-Haus GmbH

  IC-PD3948OQFN32-5X5 Datasheet HTML 1Page - IC-Haus GmbH IC-PD3948OQFN32-5X5 Datasheet HTML 2Page - IC-Haus GmbH IC-PD3948OQFN32-5X5 Datasheet HTML 3Page - IC-Haus GmbH IC-PD3948OQFN32-5X5 Datasheet HTML 4Page - IC-Haus GmbH IC-PD3948OQFN32-5X5 Datasheet HTML 5Page - IC-Haus GmbH IC-PD3948OQFN32-5X5 Datasheet HTML 6Page - IC-Haus GmbH IC-PD3948OQFN32-5X5 Datasheet HTML 7Page - IC-Haus GmbH IC-PD3948OQFN32-5X5 Datasheet HTML 8Page - IC-Haus GmbH IC-PD3948OQFN32-5X5 Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
preliminary
preliminary
iC-PD3948
5-CHAN. PHASED ARRAY SINE ENCODER 39-2048
Rev B4, Page 9/9
ORDERING INFORMATION
Type
Package
Options
Order Designation
iC-PD3948
-
iC-PD3948 chip
32-pin optoQFN,
5 mm x 5 mm x 0.9 mm
(backside paddle exposed)
iC-PD3948 oQFN32-5x5
32-pin optoQFN
5 mm x 5 mm x 1.4 mm
iC-PD3948 oQFN32-N5x5
15-pin optoBGA
6.2 mm x 5.2 mm
iC-PD3948 oBGA LSH2C
Code Disc 2048+1 PPR
OD/ID ∅39/13 mm
PD2S 39-2048
For technical support, information about prices and terms of delivery please contact:
iC-Haus GmbH
Tel.: +49 (61 35) 92 92-0
Am Kuemmerling 18
Fax: +49 (61 35) 92 92-192
D-55294 Bodenheim
Web: http://www.ichaus.com
GERMANY
E-Mail: sales@ichaus.com
Appointed local distributors: http://www.ichaus.com/sales_partners


Similar Part No. - IC-PD3948OQFN32-5X5

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PD3948 ICHAUS-IC-PD3948 Datasheet
671Kb / 10P
   5-CH. PHASED ARRAY SINE ENCODER (39-2048)
IC-PD3948 ICHAUS-IC-PD3948 Datasheet
1Mb / 12P
   PHASED ARRAY SINE ENCODER
IC-PD3948 ICHAUS-IC-PD3948_11 Datasheet
671Kb / 10P
   5-CH. PHASED ARRAY SINE ENCODER (39-2048)
IC-PD3948 ICHAUS-IC-PD3948_14 Datasheet
1Mb / 12P
   PHASED ARRAY SINE ENCODER
More results

Similar Description - IC-PD3948OQFN32-5X5

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PD3948 ICHAUS-IC-PD3948_11 Datasheet
671Kb / 10P
   5-CH. PHASED ARRAY SINE ENCODER (39-2048)
IC-PD3948 ICHAUS-IC-PD3948_14 Datasheet
1Mb / 12P
   PHASED ARRAY SINE ENCODER
IC-PNH3348 ICHAUS-IC-PNH3348 Datasheet
481Kb / 10P
   PHASED ARRAY NONIUS ENCODER
IC-PN3312 ICHAUS-IC-PN3312 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-512
IC-PN2656 ICHAUS-IC-PN2656 Datasheet
398Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN3324 ICHAUS-IC-PN3324 Datasheet
563Kb / 7P
   PHASED ARRAY NONIUS ENCODER 33-1024
IC-PN2624 ICHAUS-IC-PN2624_10 Datasheet
560Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
IC-PN2656 ICHAUS-IC-PN2656_10 Datasheet
584Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-256
IC-PN2612 ICHAUS-IC-PN2612 Datasheet
562Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-512
IC-PN2624 ICHAUS-IC-PN2624 Datasheet
253Kb / 7P
   PHASED ARRAY NONIUS ENCODER 26-1024
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com