Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX214 Datasheet(PDF) 5 Page - CML Microcircuits

Part # MX214
Description  Variable Split Band Inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX214 Datasheet(HTML) 5 Page - CML Microcircuits

  MX214 Datasheet HTML 1Page - CML Microcircuits MX214 Datasheet HTML 2Page - CML Microcircuits MX214 Datasheet HTML 3Page - CML Microcircuits MX214 Datasheet HTML 4Page - CML Microcircuits MX214 Datasheet HTML 5Page - CML Microcircuits MX214 Datasheet HTML 6Page - CML Microcircuits MX214 Datasheet HTML 7Page - CML Microcircuits MX214 Datasheet HTML 8Page - CML Microcircuits MX214 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Variable Split Band Inverter
5
MX214/224
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480112.002
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
MX214
Pin No.
MX224
Pin No.
Signal Name
Description
J/P
LH
J/P
LH
15
11
11
11
Latch
/
Load
This pin controls the loading of the 8 digital function
inputs (ENABLE, CLEAR, A0-A4) into the internal
register. When this pin is at a logic ‘1’, all eight
inputs are transparent and new data acts directly.
For controlled changing of parameters in the
parallel,
Latch
/
Load
must be kept at logic ‘0’ while
a new function is loaded, then strobed 0-1-0 to latch
the inputs in. For serial loading, the serial data
should be loaded with the
Latch
/
Load
at logic ‘0’
and then the
Latch
/
Load
strobed 0-1-0 on
completion of data loading. Internal 1M
 pull-up
resistor (Load). See Figure 8.
16
12
12
12
Powersave
This digital input is used to place the MX214/224
into Powersave mode where all parts of the device
except the 1MHz oscillator are shut down. All signal
input and output lines are made open circuit, free of
all bias. This allows signal paths to be routed
externally around the device, while reducing current
consumption. A logic ‘0’ at this input enables the
device to work normally as shown in Table 2.
Internal 1M
 pull-up resistor.
17
13
13
13
VSS
Negative supply (GND)
18
14
14
14
Internal connection
This pin is internally connected. Leave open circuit.
19
15
15
15
Rx Output
This is the processed received audio signal output.
This pin is held at a DC ‘bias’ voltage for all
functions except Powersave. This buffered output is
driven by the summing circuit in the Rx mode.
Signal paths and bias levels are detailed in Table 2
and Figure 7.
20
16
16
16
Tx Output
This is the processed audio output for the
transmission channel. This pin is held at a DC ‘bias’
voltage for all functions except Powersave. This
summed and buffered signal is passed through the
CTCSS high pass Filter to the output pin in the Tx
Mode. Signal paths and bias levels are detailed in
Table 2 and Figure 6.
21
17
17
17
VBIAS
Normally at VDD/2, this pin requires an external
decoupling capacitor (C7) to VSS.
22
18
18
18
Rx Input
This is the analog received signal input. This pin is
held at a DC ‘bias’ voltage by a 300k
 on-chip bias
resistor, which is selected for all functions except
Powersave. It must be connected to external
circuitry by capacitor C3. See Figure 2 and Figure
3. This input is routed through the CTCSS High
Pass Filter in Rx mode to remove subaudio
frequencies from the voiceband. Signal paths and
bias levels are detailed in Table 2 and Figure 7.
1
19
19
19
Highband Filter
Output
The output of the Input Filter of the Upperband limit.
The
Tx
/
Rx
functions sets the lowpass filter at
3400Hz or 2700Hz respectively. This output must
be connected to the Highband Balanced modulator
input via capacitor C5. See Figure 2 and Figure 3.


Similar Part No. - MX214

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
MX21 SENSATA-MX21 Datasheet
1Mb / 3P
   Standup Mount
logo
List of Unclassifed Man...
MX210Q ETC1-MX210Q Datasheet
246Kb / 8P
   Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
MX210QC ETC1-MX210QC Datasheet
246Kb / 8P
   Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
MX210QL ETC1-MX210QL Datasheet
246Kb / 8P
   Low Cost, 10g, Dual Axis Accelerometer with Analog Outputs
More results

Similar Description - MX214

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
MX004 CMLMICRO-MX004 Datasheet
370Kb / 9P
   VOICE BAND INVERTER
MX014 CMLMICRO-MX014 Datasheet
200Kb / 12P
   Voice Band inverter
FX004 CMLMICRO-FX004 Datasheet
338Kb / 9P
   Voice Band Inverter
logo
List of Unclassifed Man...
855833 ETC-855833 Datasheet
535Kb / 7P
   1880 MHz SAW Split Band Filter
logo
WJ Communication. Inc.
VG101 WJCI-VG101 Datasheet
512Kb / 5P
   Cellular-band Variable Gain Amplifier
logo
Analog Devices
HMC8120 AD-HMC8120 Datasheet
360Kb / 16P
   E-Band Variable Gain Amplifier
HMC8121 AD-HMC8121 Datasheet
343Kb / 16P
   E-Band Variable Gain Amplifier
logo
WJ Communication. Inc.
VG111 WJCI-VG111_07 Datasheet
370Kb / 6P
   PCS/UMTS-band Variable Gain Amplifier
logo
TriQuint Semiconductor
TGA4541-SM TRIQUINT-TGA4541-SM_15 Datasheet
974Kb / 14P
   Ka Band Variable Gain Driver Amplifier
TGA4541-SM TRIQUINT-TGA4541-SM Datasheet
847Kb / 14P
   Ka-Band Variable Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com