Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX105AP Datasheet(PDF) 4 Page - CML Microcircuits

Part # MX105AP
Description  Tone Detector
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX105AP Datasheet(HTML) 4 Page - CML Microcircuits

  MX105AP Datasheet HTML 1Page - CML Microcircuits MX105AP Datasheet HTML 2Page - CML Microcircuits MX105AP Datasheet HTML 3Page - CML Microcircuits MX105AP Datasheet HTML 4Page - CML Microcircuits MX105AP Datasheet HTML 5Page - CML Microcircuits MX105AP Datasheet HTML 6Page - CML Microcircuits MX105AP Datasheet HTML 7Page - CML Microcircuits MX105AP Datasheet HTML 8Page - CML Microcircuits MX105AP Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Tone Detector
4
MX105A PRELIMINARY INFORMATION
© 1997 MX•COM, INC.
www.mxcom.com Tele: 800 638 5577 910 744 5050 Fax: 910 744 5054
Doc.# 20480133.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
2. Signal List
Pin No.
Pin No.
Name
Type
Description
DW/P
LH
1
1
INPUT AMP IN
input
AC couple to this input. Nominal input
impedance is 200 k
Ω.
2
3
INPUT AMP OUT
output
Nominal output impedance is 1 k
Ω.
3
5
R3
input
Detect filter resistor pin.
4
6
R2
input
PLL loop filter resistor pin. For improved
performance C4 may be chosen to provide 30°
of phase shift at the loop filter input.
57
C3A
output
Detect filter capacitor pin A
68
C3B
output
Detect filter capacitor pin B
710
C2A
output
Loop filter capacitor pin A
811
C2B
output
Loop filter capacitor pin B
9
13
DETECT OUT
output
PMOS open drain output - active on detect.
10
14
VSS
power
Ground.
11
16
R4A
input
Bandwidth control resistor pin A
12
17
R4B
input
Bandwidth control resistor pin B
13
19
C1B
output
VCO capacitor B
14
20
C1A
output
VCO capacitor A
15
22
R1
input
VCO discharge resistor. When potentiometer
tuning is required, a series resistor is
recommend to prevent possible shorting to
ground.
16
24
VDD
power
Power supply.


Similar Part No. - MX105AP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MX1011B200Y PHILIPS-MX1011B200Y Datasheet
88Kb / 12P
   Microwave power transistor
1997 Feb 18
MX1011B430W PHILIPS-MX1011B430W Datasheet
47Kb / 8P
   NPN microwave power transistor
1997 Feb 18
MX1011B700Y PHILIPS-MX1011B700Y Datasheet
91Kb / 12P
   NPN microwave power transistor
1997 Feb 18
logo
Bourns Electronic Solut...
MX10A-3-5SA BOURNS-MX10A-3-5SA Datasheet
312Kb / 2P
   SMT Non-Isolated Power Module
logo
List of Unclassifed Man...
MX10C8050 ETC-MX10C8050 Datasheet
96Kb / 14P
   SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - MX105AP

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2031 MICRO-LINEAR-ML2031 Datasheet
459Kb / 9P
   TONE DETECTOR
logo
Mixed Signal Integratio...
MSDETC MSI-MSDETC Datasheet
47Kb / 4P
   Tone Detector
logo
CML Microcircuits
FX105P CMLMICRO-FX105P Datasheet
259Kb / 8P
   Tone Detector
FX105A CMLMICRO-FX105A Datasheet
351Kb / 16P
   Tone Detector
logo
Holtek Semiconductor In...
HT9033 HOLTEK-HT9033 Datasheet
140Kb / 9P
   CAS Tone Detector
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Microsemi Corporation
MX633 MICROSEMI-MX633 Datasheet
95Kb / 11P
   CALL PROCRESS TONE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com