Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX624D5 Datasheet(PDF) 10 Page - CML Microcircuits

Part # CMX624D5
Description  V.23 / Bell 202 Modem
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX624D5 Datasheet(HTML) 10 Page - CML Microcircuits

Back Button CMX624D5 Datasheet HTML 6Page - CML Microcircuits CMX624D5 Datasheet HTML 7Page - CML Microcircuits CMX624D5 Datasheet HTML 8Page - CML Microcircuits CMX624D5 Datasheet HTML 9Page - CML Microcircuits CMX624D5 Datasheet HTML 10Page - CML Microcircuits CMX624D5 Datasheet HTML 11Page - CML Microcircuits CMX624D5 Datasheet HTML 12Page - CML Microcircuits CMX624D5 Datasheet HTML 13Page - CML Microcircuits CMX624D5 Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
V23 / Bell 202 Modem
CMX624
 2003 CML Microsystems Plc
10
D/624/7
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
Hz
dBm
V23
Bell 202
Figure 5 Maximum Out of Band Tx Line Energy Limits
1.5.8
Transmit Output Buffer
This buffer amplifier, connected to the TXN, TXO and TXON pins, is intended for use as a Tx line driver as
shown in Section 1.6.1. Two symmetrical outputs are provided for use with a balanced load to give
sufficient Tx line signal levels even at low VDD. If this is not required the TXON output can be disabled.
If the buffer is used as a balanced line driver, then bit 6 of the SETUP Register should be set to ‘1’ (TXON
output enabled). Setting bit 6 to ‘0’ disables the TXON output and the buffer draws less current from the
supply. When bit 6 is set to '0' the TXON pin should be left open circuit. N.B. The TXO output is unaffected
by this bit.
1.5.9
Ring Signal Detector
This block, which functions even in Zero Power mode, can be used to detect a telephone line Ring Signal
or Line Voltage Reversal and then generate a Interrupt Request signal to wake up the µC at the start of a
call. Suitable interface circuits are shown in Section 1.6.2.
The output of this block is the ‘Ring Detect’ line shown in Figure 1 which directly drives bit 6 of the FLAGS
Register. Any ‘0’ to ‘1’ or ‘1’ to ‘0’ change on this line will also set the ‘Ring Detect Change’ bit (5) of the
FLAGS Register.
If this block is not used, then the RD and RT pins should be connected to VSS and the ‘Ring Detect
Change’ bit (5) of the IRQ MASK Register set to ‘0’.


Similar Part No. - CMX624D5

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX625 CMLMICRO-CMX625 Datasheet
862Kb / 34P
   ISDN TA POTS Interface
CMX625D5 CMLMICRO-CMX625D5 Datasheet
862Kb / 34P
   ISDN TA POTS Interface
CMX625P4 CMLMICRO-CMX625P4 Datasheet
862Kb / 34P
   ISDN TA POTS Interface
More results

Similar Description - CMX624D5

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Motorola, Inc
MC145745 MOTOROLA-MC145745 Datasheet
175Kb / 16P
   V.21/V.23 TELEMETER MODEM
logo
STMicroelectronics
TS7514 STMICROELECTRONICS-TS7514 Datasheet
170Kb / 19P
   PROGRAMMABLE V.23 MODEM WITH DTMF
logo
TDK Electronics
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com