Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NZPEVALNZP1D Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-NZPEVALNZP1D
Description  P-TYPE LASER DIODE DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NZPEVALNZP1D Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-NZPEVALNZP1D Datasheet HTML 4Page - IC-Haus GmbH IC-NZPEVALNZP1D Datasheet HTML 5Page - IC-Haus GmbH IC-NZPEVALNZP1D Datasheet HTML 6Page - IC-Haus GmbH IC-NZPEVALNZP1D Datasheet HTML 7Page - IC-Haus GmbH IC-NZPEVALNZP1D Datasheet HTML 8Page - IC-Haus GmbH IC-NZPEVALNZP1D Datasheet HTML 9Page - IC-Haus GmbH IC-NZPEVALNZP1D Datasheet HTML 10Page - IC-Haus GmbH IC-NZPEVALNZP1D Datasheet HTML 11Page - IC-Haus GmbH IC-NZPEVALNZP1D Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
prel
imin
ary
prel
imin
ary
iC-NZP
P-TYPE LASER DIODE DRIVER
Rev A1, Page 8/13
Control modes
Averaging Operation mode RMON calculation
AVG = 0
Peak control
RMON =
V (MD)
IM
AVG = 1
Averaging control RMON =
V (MD)
IM×D
Table 6: RMON dimensioning
Example
By way of example, an output level of 1 mW is to be
set. With an optical power of 1 mW e.g. laser diode
HL6342G has a typical monitor current (IM) of 15 µA.
The following value is then obtained for the resistor at
pin MD (RMON = PMD + RMD, where RMD is a fixed
resistor and PMD a potentiometer.):
RMON =
V (MD)
IM
=
0.25 V
15 µA
= 16.67 k Ω
External capacitor mode
In applications where an external capacitor is required
(see best performance recommendations below), the
external capacitor mode must be enabled (pin NCID =
low).
Best performance recommendations
The operating point for the laser diode is stored in an
on-chip capacitor. This permits a fast start-up but can
lead to an unstable control circuit under certain condi-
tions such as inadequate PCB layout or laser with very
low monitor current. In that cases, an external capaci-
tor is to be connected as close as possible to the chip,
across pin CI and CIS. This will prevent instability of
the control circuit. For averaging control a 10 nF ca-
pacitor at CI is recommended. Special care must be
taken in PCB layout when laying out the path from the
laser diode’s cathode to GND. This path must be kept
as short as possible to avoid parasitic inductances. A
snubber network across the laser diode also helps to
compensate for these parasitic inductances.
Figures 3, 4 and 5 show the typical set-up for the dif-
ferent P, N and M-type diode configurations.
P-Type diodes
T.PAD
VDD
RVDD
CIS
1
&
SYN
VSY
VDDL
OUTPUT MONITOR
GND
EP
-
LDA MONITOR
OverCurrent
-
VDD
100 nF..
VDD
LDA
IMON
VDD
MD
Low V(LDA)
INPUT INTERFACE
100 nF..
LVDS/TTL
TTL
..300mA
&
+
EN
CI
CVDD
CI
RSI
OUTPUT DRIVER
ECI
RMD
RSI
NSLP
PMD
..300mA
AVG
1
1
i(RSI)x540
x280
REGE
GND
ECI
RGND
&
P
+
CVDDA
NERR
NCID
VDDA
9kΩ
REF
+3..+5.5V
OverTemp.
1
RSI
&
0.68..
iC-NZP
RMD
PMD
CI
Bandgap, Reference, Overtemp
..10 nF..
P
Figure 3: Circuit example for P-type laser diodes (case grounded)


Similar Part No. - IC-NZPEVALNZP1D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP Datasheet
742Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_14 Datasheet
742Kb / 15P
   P-TYPE LASER DIODE DRIVER
More results

Similar Description - IC-NZPEVALNZP1D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_14 Datasheet
742Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-HTP ICHAUS-IC-HTP Datasheet
1Mb / 51P
   DUAL CW P-TYPE LASER DIODE DRIVER
WKPDFN10 ICHAUS-WKPDFN10 Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
WKPSO8-TP ICHAUS-WKPSO8-TP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
IC-WKP ICHAUS-IC-WKP Datasheet
357Kb / 10P
   15 V CW P-TYPE LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
NZNQFN24 ROITHNER-NZNQFN24 Datasheet
770Kb / 17P
   N-TYPE LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-NZN ICHAUS-IC-NZN_11 Datasheet
819Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN Datasheet
729Kb / 16P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN_12 Datasheet
818Kb / 17P
   N-TYPE LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com