Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NZN Datasheet(PDF) 9 Page - IC-Haus GmbH

Part # IC-NZN
Description  N-TYPE LASER DIODE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NZN Datasheet(HTML) 9 Page - IC-Haus GmbH

Back Button IC-NZN Datasheet HTML 5Page - IC-Haus GmbH IC-NZN Datasheet HTML 6Page - IC-Haus GmbH IC-NZN Datasheet HTML 7Page - IC-Haus GmbH IC-NZN Datasheet HTML 8Page - IC-Haus GmbH IC-NZN Datasheet HTML 9Page - IC-Haus GmbH IC-NZN Datasheet HTML 10Page - IC-Haus GmbH IC-NZN Datasheet HTML 11Page - IC-Haus GmbH IC-NZN Datasheet HTML 12Page - IC-Haus GmbH IC-NZN Datasheet HTML 13Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
prel
imin
ary
prel
imin
ary
iC-NZN
N-TYPE LASER DIODE DRIVER
Rev A1, Page 9/16
RMD
-
NERR
LDA
VDD
+
RVDD
VSY
Bandgap, Reference, Overtemp
OverTemp.
GND
Low V(LDA)
1
&
LDK
RSI
INPUT INTERFACE
T.PAD
..10 nF..
100 nF..
0.68..
OUTPUT DRIVER
LDA MONITOR
P
PMD
AVG
CID
IMON
OverCurrent
CVDD
CI
iC-NZN
RSI
RGND
OUTPUT MONITOR
+
EP
REGE
TTL
VDD
i(RSI)x540
CI
RSI
1
&
RMD
9kΩ
PMD
MD
GND
1
..300mA
SYN
100 nF..
x240
LVDS/TTL
&
CIS
-
ECI
+3..+5.5V
&
EN
CI
VDD
P
NSLP
REF
AGND
ECI
CLDA
1
..300mA
Figure 4: Circuit example for P-type laser diodes.
M-type diodes
INPUT INTERFACE
CI
100 nF..
100 nF..
CLDA
..10 nF..
LDA
+
VDD
&
RSI
TTL
-
GND
RMD
Bandgap, Reference, Overtemp
OverCurrent
EP
VSY
CVDD
OverTemp.
RSI
REGE
i(RSI)x540
0.68..
OUTPUT DRIVER
..300mA
CI
EN
CID
NERR
x240
VDD
PMD
M
OUTPUT MONITOR
CIS
REF
NSLP
RMD
AVG
IMON
1
-
&
RSI
1
RGND
&
T.PAD
GND
LDK
RVDD
Low V(LDA)
MD
+3..+5.5V
CI
ECI
AGND
PMD
..300mA
1
ECI
LDA MONITOR
iC-NZN
+
1
VDD
9kΩ
LVDS/TTL
SYN
&
M
Figure 5: Circuit example for M-type laser diodes
Althought this type of laser diode are supported by iC-
NZN, it’s strongly recommended to use iC-NZP instead
since in this configuration, all the pulses at LDK will be
coupled directly to pin MD due to monitor diode’s in-
ternal capacitance, thus making an accurate control
much more difficult. Moreover, applications with M-
type laser diode case grounded are possible with iC-
NZP only.


Similar Part No. - IC-NZN

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NZN ICHAUS-IC-NZN Datasheet
819Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN Datasheet
818Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN Datasheet
770Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN_11 Datasheet
819Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN_12 Datasheet
818Kb / 17P
   N-TYPE LASER DIODE DRIVER
More results

Similar Description - IC-NZN

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
NZNQFN24 ROITHNER-NZNQFN24 Datasheet
770Kb / 17P
   N-TYPE LASER DIODE DRIVER
logo
IC-Haus GmbH
IC-NZN ICHAUS-IC-NZN_11 Datasheet
819Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN_12 Datasheet
818Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZN ICHAUS-IC-NZN_14 Datasheet
770Kb / 17P
   N-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_11 Datasheet
778Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP_14 Datasheet
742Kb / 15P
   P-TYPE LASER DIODE DRIVER
IC-NZP ICHAUS-IC-NZP Datasheet
423Kb / 13P
   P-TYPE LASER DIODE DRIVER
IC-WKM ICHAUS-IC-WKM Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
List of Unclassifed Man...
IC-WKM ETC2-IC-WKM Datasheet
242Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
logo
IC-Haus GmbH
WKMSO8-TP ICHAUS-WKMSO8-TP Datasheet
247Kb / 9P
   M-TYPE CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com