Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NVTSSOP20 Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-NVTSSOP20
Description  6-BIT Sin/D FLASH CONVERTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NVTSSOP20 Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-NVTSSOP20 Datasheet HTML 1Page - IC-Haus GmbH IC-NVTSSOP20 Datasheet HTML 2Page - IC-Haus GmbH IC-NVTSSOP20 Datasheet HTML 3Page - IC-Haus GmbH IC-NVTSSOP20 Datasheet HTML 4Page - IC-Haus GmbH IC-NVTSSOP20 Datasheet HTML 5Page - IC-Haus GmbH IC-NVTSSOP20 Datasheet HTML 6Page - IC-Haus GmbH IC-NVTSSOP20 Datasheet HTML 7Page - IC-Haus GmbH IC-NVTSSOP20 Datasheet HTML 8Page - IC-Haus GmbH IC-NVTSSOP20 Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
iC-NV
6-BIT Sin/D FLASH CONVERTER
Rev C1, Page 4/19
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC= VDD= 5V ±10%, Tj= -40..125°C, unless otherwise noted
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
°C
Min.
Typ.
Max.
Total Device
001 VCC,
VDD
Permissible Supply Voltage
4.5
5.5
V
002 I(VCC)
Supply Current in VCC
fin()= 200kHz; A, B, Z open
15
mA
003 I(VDD)
Supply Current in VDD
fin()= 200kHz; A, B, Z open
5
mA
004 Von
Power-On Reset Threshold
2
3.8
V
005 Voff
Power-Down Reset Threshold
1
2.2
V
006 Vhys
Power-On Reset Hysteresis
0.4
1.8
V
007 Vc()hi
Clamp Voltage hi at
NSIN, PSIN, NCOS, PCOS,
NZERO, PZERO, SG1, SG0,
ROT, SF1, SF0, VREF, RCLK
Vc()hi= V() -VCC;
I()= 1mA, other pins open
0.3
1.6
V
008 Vc()lo
Clamp Voltage lo at
NSIN, PSIN, NCOS, PCOS,
NZERO, PZERO, SG1, SG0,
ROT, SF1, SF0, VREF, RCLK, A,
B, Z
I()= -1mA, other pins open
-1.5
-0.3
009 Vc()hi
Clamp Voltage hi at
A, B, Z
Vc()hi= V()-VDD;
I()= 1mA, other pins open
0.3
1.6
V
Input Amplifiers NSIN, PSIN, NCOS, PCOS
101 Vos()
Input Offset Voltage
Vin() see table gain select
GAIN= 10..66
GAIN= 3..7.1
-7
-10
7
10
mV
mV
102 Iin()
Input Current
V()= 0V.. VCC
-50
50
nA
103 G()
Gain
GAIN following table gain select
95
101
%
104 Grel
Gain Ration SIN/COS
GAIN following table gain select
98
102
%
105 fhc
Cut-off Frequency
GAIN= 66.667
GAIN= 3.03
500
2.3
kHz
MHz
106 SR
Slew Rate
GAIN= 66.667
GAIN= 3.03
10
15
V/µs
V/µs
Signal Processing: Converter Accuracy
201 AAabs
Absolute Angle Accuracy
referred to 360° input signal,
GAIN= 3.03;
VPin= 2...2.6 Vpp, VNin= 2.5 Vdc
VPin= 1...1.3 Vpp, VNin= 2.5 Vdc
-1
-2
1
2
DEG
DEG
202 AArel
Relative Angle Accuracy
referred to period of A, B
GAIN= 3.03
7
-10
10
%
VREF
401 V(VREF) Reference Voltage at VREF
I(VREF)= -1mA..+1mA
48
52
%VCC
Signal Processing: Transition Distance Control
501 RCLK
Permissible Resistor at
RCLK vs. GNDA
DIV= 1 (IPF= 10, 12, 16)
DIV= 2 (IPF= 5, 8)
DIV= 4 (IPF= 3, 4)
DIV= 8 (IPF=2)
DIV= 16 (IPF= 1)
47
23
12
6
3
500
500
500
500
500
kΩ
kΩ
kΩ
kΩ
kΩ
502 DT()
Minimum Transition Distance
R(RCLK, GNDA)= 47KΩ 1%;
DIV= 1
DIV= 16
4
2
45
490
78
1000
ns
ns
503 DT()
Minimum Transition Distance
V(RCLK)= VCC;
DIV= 1
DIV= 16
30
420
78
1000
ns
ns


Similar Part No. - IC-NVTSSOP20

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NVH ICHAUS-IC-NVH Datasheet
416Kb / 13P
   6-BIT Sin/D FLASH CONVERTER
IC-NVHTSSOP20 ICHAUS-IC-NVHTSSOP20 Datasheet
416Kb / 13P
   6-BIT Sin/D FLASH CONVERTER
More results

Similar Description - IC-NVTSSOP20

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NVH ICHAUS-IC-NVH Datasheet
416Kb / 13P
   6-BIT Sin/D FLASH CONVERTER
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
IC-Haus GmbH
IC-NG ICHAUS-IC-NG Datasheet
498Kb / 21P
   8-BIT Sin/D CONVERTER-PROCESSOR
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
HI-5701 INTERSIL-HI-5701 Datasheet
151Kb / 14P
   6-Bit, 30MSPS, Flash A/D Converter
June 1999
logo
IC-Haus GmbH
IC-NQI ICHAUS-IC-NQI Datasheet
1Mb / 26P
   13-bit Sin/D CONVERTER WITH CALIBRATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com