Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NESO8 Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-NESO8
Description  LIGHT-GRID PULSE RECEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NESO8 Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-NESO8 Datasheet HTML 1Page - IC-Haus GmbH IC-NESO8 Datasheet HTML 2Page - IC-Haus GmbH IC-NESO8 Datasheet HTML 3Page - IC-Haus GmbH IC-NESO8 Datasheet HTML 4Page - IC-Haus GmbH IC-NESO8 Datasheet HTML 5Page - IC-Haus GmbH IC-NESO8 Datasheet HTML 6Page - IC-Haus GmbH IC-NESO8 Datasheet HTML 7Page - IC-Haus GmbH IC-NESO8 Datasheet HTML 8Page - IC-Haus GmbH IC-NESO8 Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
iC-NE
LIGHT-GRID PULSE RECEIVER
Rev E1, Page 3/9
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VDD
Voltage at VDD
-0.5
7
V
G002 V()
Voltage at DIN, CLK, DOUT, SN, SP,
PD
-0.5
VDD +
0.5
V
G003 Vd()
ESD Susceptibility at DIN, CLK, DOUT,
PD, SN, SP
HBM, 100 pF discharged through 1.5 kΩ
2
kV
G004 Tj
Junction Temperature
-40
150
°C
G005 Ts
Storage Temperature
-40
150
°C
THERMAL DATA
Operating Conditions: VDD = 5 V ±10%
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
(extended temperature range of -20 to
85 °C on request)
0
70
°C
All voltages are referenced to ground unless otherwise stated.
All currents into the device pins are positive; all currents out of the device pins are negative.


Similar Part No. - IC-NESO8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NG ICHAUS-IC-NG Datasheet
498Kb / 21P
   8-BIT Sin/D CONVERTER-PROCESSOR
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 30P
   Sin/D CONVERTER WITH SIGNAL CALIBRATION
More results

Similar Description - IC-NESO8

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-ME ICHAUS-IC-ME Datasheet
444Kb / 11P
   DUAL LIGHT-GRID PULSE RECEIVER
IC-NX ICHAUS-IC-NX Datasheet
306Kb / 10P
   8-CHANNEL LIGHT-GRID PULSE DRIVER
logo
Pepperl+Fuchs Inc.
LGS17 PF-LGS17 Datasheet
941Kb / 10P
   Light grid
LGM17 PF-LGM17 Datasheet
962Kb / 11P
   Light grid
LGM25 PF-LGM25 Datasheet
962Kb / 11P
   Light grid
LGS8 PF-LGS8 Datasheet
918Kb / 9P
   Light grid
LGM8 PF-LGM8 Datasheet
927Kb / 10P
   Light grid
LGM50 PF-LGM50 Datasheet
939Kb / 10P
   Light grid
LGS50 PF-LGS50 Datasheet
917Kb / 9P
   Light grid
LGS100 PF-LGS100 Datasheet
917Kb / 9P
   Light grid
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com