Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-NE Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-NE
Description  LIGHT-GRID PULSE RECEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-NE Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-NE Datasheet HTML 1Page - IC-Haus GmbH IC-NE Datasheet HTML 2Page - IC-Haus GmbH IC-NE Datasheet HTML 3Page - IC-Haus GmbH IC-NE Datasheet HTML 4Page - IC-Haus GmbH IC-NE Datasheet HTML 5Page - IC-Haus GmbH IC-NE Datasheet HTML 6Page - IC-Haus GmbH IC-NE Datasheet HTML 7Page - IC-Haus GmbH IC-NE Datasheet HTML 8Page - IC-Haus GmbH IC-NE Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
iC-NE
LIGHT-GRID PULSE RECEIVER
Rev E1, Page 5/9
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 5 V ±10%, V(SN, SP) = VDD − 2 V...VDD, Tj = -20...85 °C, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
118
Ipn()
Differential Output Current
Ipn() = I(SN) − I(SP);
I(PD)pk = -10 µA (see Fig. 3)
-7.0
-5.0
-3.0
mA
119
Ipn()
Differential Output Current
Ipn() = I(SN) − I(SP);
I(PD)pk = -100 µA (see Fig. 3)
-9.7
-7.3
-4.0
mA
120
INoise
Differential Output Current Noise
(RMS)
I(PD)dc = -15 µA, Rgen = 500 kΩ, no additional
filter, Tj = 27 °C (see Fig. 5)
5
µA
121
INoise
Differential Output Current Noise
(RMS)
I(PD)dc = -15 µA, Rgen = 500 kΩ, with BP-filter
50 kHz...1.2 MHz, Tj = 27 °C (see Fig. 5)
3.5
µA
122
tp()IDCon
Output Stage Turn-on Delay:
CLK lo → hi to 90% I(SN), I(SP)
I(PD)dc = -15 µA...0, I(PD)ac = 0 (see Fig. 4)
3.0
µs
123
tp()IDCoff
Output Stage Turn-off Delay:
CLK lo → hi to 10% I(SN), I(SP)
I(PD)dc = -15 µA...0, I(PD)ac = 0 (see Fig. 4)
3.0
µs
Control Inputs DIN, CLK
201
Vt()hi
Threshold Voltage hi
66
%VDD
202
Vt()lo
Threshold Voltage lo
33
%VDD
203
Vhys()
Schmitt-Trigger Input Hysteresis
400
mV
204
Ipd()
Pull-Down Current
V() = 1 V...VDD
3
12
µA
Tj = 27 °C
6
µA
Output Buffer DOUT
301
Vs()hi
Saturation Voltage hi
Vs()hi = VDD − V(DOUT); I() = -4 mA
0.4
V
302
Vs()lo
Saturation Voltage lo
I() = 4 mA
0.4
V
303
Isc()hi
Short-Circuit Current hi
V() = 0 V
-100
-25
mA
Tj = 27 °C
-40
mA
304
Isc()lo
Short-Circuit Current lo
V() = VDD
25
100
mA
Tj = 27 °C
40
mA
305
tr()
Rise Time
CL() = 50 pF
60
ns
Tj = 27 °C
20
ns
306
tf()
Fall Time
CL() = 50 pF
60
ns
Tj = 27 °C
20
ns
Timing Characteristics
401
tplh(CLK-
DOUT)
Propagation Delay:
CLK hi → lo until DOUT lo → hi
CL(DOUT) = 50 pF (see Fig. 2)
60
ns
Tj = 27 °C
26
ns
402
tphl(CLK-
DOUT)
Propagation Delay:
CLK hi → lo until DOUT hi → lo
CL(DOUT) = 50 pF (see Fig. 2)
60
ns
Tj = 27 °C
25
ns
t
V
Vt()hi
Vt()lo
VDD−0.45V
0.45V
0
1
Input/Output
Figure 1: Reference levels
CLK
DIN
Q1
Q2
t set
DOUT
Q3
(DIN)
(DIN)
(CLK−DOUT)
t
t plh
(CLK−DOUT)
t phl
hold
Figure 2: Timing characteristics


Similar Part No. - IC-NE

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-NG ICHAUS-IC-NG Datasheet
498Kb / 21P
   8-BIT Sin/D CONVERTER-PROCESSOR
IC-NQ ICHAUS-IC-NQ Datasheet
1Mb / 25P
   13-bit Sin/D CONVERTER WITH CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 29P
   13-bit Sin/D CONVERTER WITH SIGNAL CALIBRATION
IC-NQC ICHAUS-IC-NQC Datasheet
1Mb / 30P
   Sin/D CONVERTER WITH SIGNAL CALIBRATION
More results

Similar Description - IC-NE

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-ME ICHAUS-IC-ME Datasheet
444Kb / 11P
   DUAL LIGHT-GRID PULSE RECEIVER
IC-NX ICHAUS-IC-NX Datasheet
306Kb / 10P
   8-CHANNEL LIGHT-GRID PULSE DRIVER
logo
Pepperl+Fuchs Inc.
LGS17 PF-LGS17 Datasheet
941Kb / 10P
   Light grid
LGM17 PF-LGM17 Datasheet
962Kb / 11P
   Light grid
LGM25 PF-LGM25 Datasheet
962Kb / 11P
   Light grid
LGS8 PF-LGS8 Datasheet
918Kb / 9P
   Light grid
LGM8 PF-LGM8 Datasheet
927Kb / 10P
   Light grid
LGM50 PF-LGM50 Datasheet
939Kb / 10P
   Light grid
LGS50 PF-LGS50 Datasheet
917Kb / 9P
   Light grid
LGS100 PF-LGS100 Datasheet
917Kb / 9P
   Light grid
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com