Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MQEVALMQ1D Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-MQEVALMQ1D
Description  PROGRAMMABLE 9-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MQEVALMQ1D Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-MQEVALMQ1D Datasheet HTML 3Page - IC-Haus GmbH IC-MQEVALMQ1D Datasheet HTML 4Page - IC-Haus GmbH IC-MQEVALMQ1D Datasheet HTML 5Page - IC-Haus GmbH IC-MQEVALMQ1D Datasheet HTML 6Page - IC-Haus GmbH IC-MQEVALMQ1D Datasheet HTML 7Page - IC-Haus GmbH IC-MQEVALMQ1D Datasheet HTML 8Page - IC-Haus GmbH IC-MQEVALMQ1D Datasheet HTML 9Page - IC-Haus GmbH IC-MQEVALMQ1D Datasheet HTML 10Page - IC-Haus GmbH IC-MQEVALMQ1D Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
iC-MQ PROGRAMMABLE 9-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev D4, Page 7/39
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 4.3...5.5 V, Tj = -40 °C...125 °C, IBN calibrated to 200 µA, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
118
PHI12
Phase Error Calibration Step
Width
0.63
°
119
INL(PHI12) Integral Linearity Error of Phase
Calibration
limited test coverage (guaranteed by design)
-0.8
0.8
°
120
fin()
Permissible Maximum Input Freq. analog signal path
200
kHz
121
Vout(X2)
Output Voltage at X2
BIASEX = 10, I(X2) = 0, referenced to VRE-
Fin12
95
100
105
%
122
Vin(X2)
Permissible Input Voltage Range
at X2
BIASEX = 11
0.5
VDDS
− 2
V
123
Rin(X2)
Input Resistance at X2
BIASEX = 11, RIN0(3:0) = 0x01, RIN12(3:0) =
0x01
20
27
30
kΩ
Sine-To-Digital Conversion
201
AAabs
Absolute Angle Accuracy
referenced to 360° input signal, ideal waveform,
quasi static signals, adjusted signal condition-
ing, SELHYS = 0
0.9
1.8
°
202
AArel
Relative Angle Accuracy
referenced to output period T (see Fig. 1), ideal
waveform, quasi static signals;
at 4 edges per period
10
%
at 100 edges per period
<0.5
10
%
at 384 edges per period
10
%
at 400 edges per period
<2
10
%
203
AAR
Repeatability
see 201; VDD = const., Tj = const.
0.1
°
Line Driver Outputs PA, NA, PB, NB, PZ, NZ
501
Vs()hi
Saturation Voltage hi
Vs() = VDD - V();
SIK(1:0) = 00, I() = -1.2 mA
200
mV
SIK(1:0) = 01, I() = -4 mA
200
mV
SIK(1:0) = 10, I() = -20 mA
400
mV
SIK(1:0) = 11, I() = -50 mA
700
mV
502
Vs()lo
Saturation Voltage lo
SIK(1:0) = 00, I() = 1.2 mA
200
mV
SIK(1:0) = 01, I() = 4 mA
200
mV
SIK(1:0) = 10, I() = 20 mA
400
mV
SIK(1:0) = 11, I() = 50 mA
700
mV
503
Isc()hi
Short-Circuit Current hi
V() = 0 V;
SIK(1:0) = 00
-4
-1.2
mA
SIK(1:0) = 01
-12
-4
mA
SIK(1:0) = 10
-60
-20
mA
SIK(1:0) = 11
-150
-50
mA
504
Isc()lo
Short-Circuit Current lo
V() = VDD;
SIK(1:0) = 00
1.2
4
mA
SIK(1:0) = 01
4
12
mA
SIK(1:0) = 10
20
60
mA
SIK(1:0) = 11
50
150
mA
505
tr()
Rise Time
RL = 100 Ω to GND;
SSR(1:0) = 00
5
20
ns
SSR(1:0) = 01
5
40
ns
SSR(1:0) = 10
20
140
ns
SSR(1:0) = 11
50
350
ns
506
tf()
Fall Time
RL = 100 Ω to VDD;
SSR(1:0) = 00
5
20
ns
SSR(1:0) = 01
5
40
ns
SSR(1:0) = 10
30
140
ns
SSR(1:0) = 11
50
350
ns
507
Ilk()tri
Leakage Current
TRIHL(1:0) = 11 (tristate)
20
100
µA
508
IIk()rev
Leakage Current
reversed supply voltage
100
µA
509
Rin()cal
Test Signal Source Impedance
Op. modes Calibration 1, 2, 3
2.5
4
kΩ
510
I()cal
Permissible Test Signal Load
Op. modes Calibration 1, 2, 3
-3
3
µA
511
tclk()lo
Clock Signal Low-Pulse Duration
for CP, CPD, CPU
Op. mode Mode 191/193;
MTD = 0x0
110
ns
MTD = 0x7
800
ns
512
tw()hi
Duty Cycle
referenced to output period T, see Fig. 1
50
%


Similar Part No. - IC-MQEVALMQ1D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MQ ICHAUS-IC-MQ Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF Datasheet
754Kb / 37P
   PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results

Similar Description - IC-MQEVALMQ1D

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MQF ICHAUS-IC-MQF Datasheet
754Kb / 37P
   PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-PI ICHAUS-IC-PI Datasheet
1Mb / 49P
   PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
   Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG_14 Datasheet
604Kb / 22P
   8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
   8-BIT SIN/COS INTERPOLATION IC
IC-TW2 ICHAUS-IC-TW2 Datasheet
459Kb / 30P
   8-BIT SIN/COS INTERPOLATION IC WITH INTEGRATED EEPROM
IC-MSB ICHAUS-IC-MSB Datasheet
591Kb / 29P
   SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
   SIN/COS SIGNAL SAFETY MONITOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com