Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MP Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-MP
Description  8-BIT HALL ANGLE ENCODER WITH RATIOMETRIC OUTPUT
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MP Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-MP Datasheet HTML 7Page - IC-Haus GmbH IC-MP Datasheet HTML 8Page - IC-Haus GmbH IC-MP Datasheet HTML 9Page - IC-Haus GmbH IC-MP Datasheet HTML 10Page - IC-Haus GmbH IC-MP Datasheet HTML 11Page - IC-Haus GmbH IC-MP Datasheet HTML 12Page - IC-Haus GmbH IC-MP Datasheet HTML 13Page - IC-Haus GmbH IC-MP Datasheet HTML 14Page - IC-Haus GmbH IC-MP Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
iC-MP 8-BIT HALL ANGLE ENCODER
WITH RATIOMETRIC OUTPUT
Rev B1, Page 11/22
OPERATING MODES
Figure 10: Operation Modes
Figure 10 shows the different modes of iC-MP. There
are two major modes of operation:
• Normal Mode:
Readout position data and error bit. Normal mode is
subdivided into two minor modes of operation:
– Fast Scanning Mode:
iC-MP is always activated.
– Slow Scanning Mode (Power Save Mode):
iC-MP goes into Slow Mode Sleep following the
first transmission of sensor data via the serial
interface.
• Programming Mode:
iC-MP can be configured in programming mode. See
the chapter on ’PROGRAMMING MODE’ for further
details. There are three minor modes:
– Read ROM:
iC-MP’s Zener zap ROM structure is read.
– Write RAM:
iC-MP’s internal registers can be temporarily
programmed for test purposes.
– Write ROM:
iC-MP’s zapping structure is programmed.
A Power-On Reset is required after a Read ROM and
Write ROM instruction. Each state is quit by a Power-
On Reset.


Similar Part No. - IC-MP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IC-M59 ETC-IC-M59 Datasheet
545Kb / 36P
   VHF MARINE TRANSCEIVER
logo
IC-Haus GmbH
IC-MA ICHAUS-IC-MA Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
IC-MA ICHAUS-IC-MA Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MA3 ICHAUS-IC-MA3 Datasheet
610Kb / 19P
   ANGULAR HALL SENSOR
IC-MACHIP ICHAUS-IC-MACHIP Datasheet
302Kb / 18P
   ANGULAR HALL SENSOR / ENCODER
More results

Similar Description - IC-MP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MV ICHAUS-IC-MV Datasheet
5Mb / 28P
   8-BIT HALL ENCODER
IC-MA ICHAUS-IC-MA_14 Datasheet
363Kb / 19P
   8-BIT ANGULAR HALL SENSOR / ENCODER
IC-MHM ICHAUS-IC-MHM Datasheet
2Mb / 63P
   14-BIT ABSOLUTE ANGLE HALL ENCODER
IC-MH8 ICHAUS-IC-MH8 Datasheet
276Kb / 2P
   12 BIT HALL ENCODER
IC-MHA ICHAUS-IC-MHA Datasheet
296Kb / 2P
   HALL ANGLE ENCODER WITH SIN/COS OUTPUTS
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
   12-BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
   12 BIT ANGULAR HALL ENCODER
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
   12-BIT ANGULAR HALL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com