Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2141D_1009 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP2141D_1009
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2141D_1009 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP2141D_1009 Datasheet HTML 6Page - Diodes Incorporated AP2141D_1009 Datasheet HTML 7Page - Diodes Incorporated AP2141D_1009 Datasheet HTML 8Page - Diodes Incorporated AP2141D_1009 Datasheet HTML 9Page - Diodes Incorporated AP2141D_1009 Datasheet HTML 10Page - Diodes Incorporated AP2141D_1009 Datasheet HTML 11Page - Diodes Incorporated AP2141D_1009 Datasheet HTML 12Page - Diodes Incorporated AP2141D_1009 Datasheet HTML 13Page - Diodes Incorporated AP2141D_1009 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AP2141D/AP2151D
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2141D/2151D
Document number: DS32242 Rev. 2 - 2
10 of 17
www.diodes.com
September 2010
© Diodes Incorporated
Application Note
The AP2141D and AP2151D are integrated high-side
power switches optimized for Universal Serial Bus (USB)
that require protection functions. The power switches are
equipped with a driver that controls the gate voltage and
incorporates slew-rate limitation. This, along with the
various protection features and special functions, makes
these power switches ideal for hot-swap or hot-plug
applications.
Protection Features:
Under-voltage Lockout (UVLO)
Under-voltage lockout function (UVLO) guarantees that
the internal power switch is initially off during start-up.
The UVLO functions only when the switch is enabled.
Even if the switch is enabled, the switch is not turned ON
until the power supply has reached at least 1.9V.
Whenever the input voltage falls below approximately
1.9V, the power switch is turned off.
This facilitates the
design of hot-insertion systems where it is not possible
to turn off the power switch before input power is
removed.
Over-current and Short Circuit Protection
An internal sensing FET is employed to check for over-
current conditions. Unlike current-sense resistors, sense
FETs do not increase the series resistance of the current
path. When an overcurrent condition is detected, the
device maintains a constant output current and reduces
the output voltage accordingly. Complete shutdown
occurs only if the fault stays long enough to activate
thermal limiting.
The different overload conditions and the corresponding
response of the AP2141D/2151D are outlined below:
S.NO
Conditions
Explanation
Behavior of the AP2141D/2151D
1
Short circuit condition
at start-up
Output is shorted before
input voltage is applied or
before the part is enabled
The IC senses the short circuit and immediately
clamps output current to a certain safe level
namely ILIMIT.
2
Short-circuit or
Overcurrent condition
Short-Circuit or Overload
condition that occurs
when the part is enabled.
• At the instance the overload occurs, higher
current may flow for a very short period of
time before the current limit function can
react.
• After the current limit function has tripped
(reached the over-current trip threshold), the
device switches into current limiting mode
and the current is clamped at ILIMIT.
3
Gradual increase from
nominal operating
current to ILIMIT
Load increases gradually
until the current-limit
threshold.(ITRIG)
The current rises until ITRIG or thermal limit.
Once the threshold has been reached, the
device switches into its current limiting mode
and is set at ILIMIT.
Note that when the output has been shorted to GND at
extremely low temperature (< -20
oC), a minimum 120 μF
electrolytic capacitor on the output pin is recommended.
A correct capacitor type with capacitor voltage rating
and
temperature
characteristics
must
be
properly
chosen so that capacitance value does not drop too low
at the extremely low temperature operation.
A
recommended
capacitor
should
have
temperature
characteristics of less than 10% variation of capacitance
change when operated at extremely low temp.
Our
recommended aluminum electrolytic capacitor type is
Panasonic FC series.


Similar Part No. - AP2141D_1009

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2141DFMG-7 DIODES-AP2141DFMG-7 Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2141DMPG-13 DIODES-AP2141DMPG-13 Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2141DSG-13 DIODES-AP2141DSG-13 Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2141DWG-7 DIODES-AP2141DWG-7 Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
More results

Similar Description - AP2141D_1009

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2145 DIODES-AP2145_10 Datasheet
405Kb / 13P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32031 Rev. 2 - 2
AP2141D DIODES-AP2141D Datasheet
565Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32242 Rev. 1 - 2
AP2142A DIODES-AP2142A Datasheet
778Kb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32191 Rev. 2 - 2
AP2171DM8G-13 DIODES-AP2171DM8G-13 Datasheet
602Kb / 19P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
AP2161D DIODES-AP2161D Datasheet
543Kb / 18P
   1A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32250 Rev. 1 - 2
AP2181D DIODES-AP2181D Datasheet
468Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32251 Rev. 1 - 2
AP2151A DIODES-AP2151A Datasheet
893Kb / 18P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
January 2018
AP2141 DIODES-AP2141_13 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141WG-7 DIODES-AP2141WG-7 Datasheet
481Kb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2141A DIODES-AP2141A Datasheet
1Mb / 17P
   0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com