Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL8400 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL8400
Description  0.2V LINEAR LED DRIVER CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8400 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL8400 Datasheet HTML 1Page - Diodes Incorporated AL8400 Datasheet HTML 2Page - Diodes Incorporated AL8400 Datasheet HTML 3Page - Diodes Incorporated AL8400 Datasheet HTML 4Page - Diodes Incorporated AL8400 Datasheet HTML 5Page - Diodes Incorporated AL8400 Datasheet HTML 6Page - Diodes Incorporated AL8400 Datasheet HTML 7Page - Diodes Incorporated AL8400 Datasheet HTML 8Page - Diodes Incorporated AL8400 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AL8400
0.2V LINEAR LED DRIVER CONTROLLER
AL8400
Document number: DS35115 Rev. 1 - 2
2 of 12
www.diodes.com
December 2010
© Diodes Incorporated
Functional Block Diagram
Figure 1. Block Diagram
Pin Descriptions
Pin
Number
Name
Function
1
E1
Emitter connection. Connect to GND.
2
GND
Analog Ground. Ground return for reference and amplifier. Connect to E1.
3
VCC
Supply Input. Connect a 0.47
μF ceramic capacitor close to the device from VCC to GND.
4
FB
Feedback Input. Regulates to 200mV nominal.
5
OUT
Output. Connect a capacitor close to device between OUT and GND. See the Applications
Information section.
Absolute Maximum Ratings
Symbol
Characteristics
Values
Unit
VCC
Supply voltage relative to GND
20
V
VOUT
OUT voltage relative to GND
20
V
VFB
FB voltage relative to GND
20
V
VE1
E1 voltage relative to GND
-0.3 to+0.3
V
TJ
Operating junction temperature
-40 to 150
°C
TST
Storage temperature
-55 to 150
°C
These are stress ratings only. Operation outside the absolute maximum ratings may cause device failure.
Operation at the absolute maximum rating for extended periods may reduce device reliability.
Package Thermal Data
Package
θJA
PDIS
TA = 25°C, TJ = 150°C
SOT353
400°C/W
310mW


Similar Part No. - AL8400

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
138Kb / 8P
   The sense resistor R2 of 300m sets the LEDs nominal current at 150mA.
AL8400 DIODES-AL8400 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
AL8400EV1 DIODES-AL8400EV1 Datasheet
138Kb / 8P
   The sense resistor R2 of 300m sets the LEDs nominal current at 150mA.
AL8400Q DIODES-AL8400Q Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
AL8400QSE-7 DIODES-AL8400QSE-7 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
More results

Similar Description - AL8400

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1771 DIODES-AL1771 Datasheet
622Kb / 24P
   PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
logo
ON Semiconductor
CS8127 ONSEMI-CS8127 Datasheet
73Kb / 8P
   5V Linear Controller/Driver
December, 2001 - Rev. 3
CS8128 ONSEMI-CS8128 Datasheet
68Kb / 8P
   5V Linear Controller/Driver
December, 2001 - Rev. 7
logo
Cherry Semiconductor Co...
CS8127 CHERRY-CS8127 Datasheet
163Kb / 6P
   5V Linear Controller/Driver
CS8128 CHERRY-CS8128 Datasheet
166Kb / 6P
   5V Linear Controller/Driver
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
   Linear LED Driver
logo
Diodes Incorporated
AL5815 DIODES-AL5815 Datasheet
303Kb / 12P
   60V LINEAR LED CONTROLLER
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
   LED DRIVER CONTROLLER
logo
Mean Well Enterprises C...
SLD-80 MEANWELL-SLD-80 Datasheet
525Kb / 6P
   80W Linear LED Driver
SLD-50 MEANWELL-SLD-50 Datasheet
526Kb / 6P
   50W linear LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com