Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL8400 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AL8400
Description  0.2V LINEAR LED DRIVER CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8400 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AL8400 Datasheet HTML 2Page - Diodes Incorporated AL8400 Datasheet HTML 3Page - Diodes Incorporated AL8400 Datasheet HTML 4Page - Diodes Incorporated AL8400 Datasheet HTML 5Page - Diodes Incorporated AL8400 Datasheet HTML 6Page - Diodes Incorporated AL8400 Datasheet HTML 7Page - Diodes Incorporated AL8400 Datasheet HTML 8Page - Diodes Incorporated AL8400 Datasheet HTML 9Page - Diodes Incorporated AL8400 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AL8400
0.2V LINEAR LED DRIVER CONTROLLER
AL8400
Document number: DS35115 Rev. 1 - 2
6 of 12
www.diodes.com
December 2010
© Diodes Incorporated
Application Information (Continued)
Bipolar transistor as the pass element (Continued)
There are two important equations for the circuit:
LED circuit path:
1.....VCC
= (VLED + VCE + VREF)
Control drive circuit path
2.....VCC
= (VRB + VBE + VREF)
The maximum total LED voltage plus the reference voltage determines the minimum supply voltage. Substituting into
equation 1 yields:
REF
CEsat
LED
min
CC
V
V
V
V
+
+
=
For a bipolar transistor the voltage (VRB) across bias resistor RB consists of the base current of Q2 and the output current of
the AL8400. So rearranging equation 2 yields the boundaries for allowable RB values:
max
B
min
OUT
REF
max
BE
min
CC
max
B
I
I
V
V
V
R
+
=
where IBmax is the maximum transistor base current
min
B
max
OUT
REF
min
BE
max
CC
min
B
I
I
V
V
V
R
+
=
where IBmin is the minimum transistor base current
min
FE
LED
max
B
h
I
I
=
where hFEmin is the minimum DC
current gain of the transistor.
max
FE
LED
min
B
h
I
I
=
where hFEmax is the maximum DC current gain of
the transistor.
Finally, the bipolar selection is also influenced by the maximum power dissipation
PTOT = ILED * (VCC – VLED – VREF) = ILED * VCE
Since this determines the package choice (
θ
JA) in order to keep the junction temperature below the maximum value allowed.
TJ = TA + PTOT • θJA
Bipolar Example
The driver is required to control 2 series connected LEDs at 150mA ±10%, each having a forward voltage of 3V minimum and
3.6V maximum. Hence the minimum operating supply voltage is 3.6*2 + 0.2 = 7.4V. The actual supply voltage given is
8V ±5%, i.e. 7.6V minimum. We will use the DNLS320E bipolar transistor (Q2).
The DNLS320E datasheet shows:
hFEmin is 500 @ IC = 100mA, 400 @ IC = 2A,
The datasheet graph shows a very slow variation at his current, so a value of 500 is appropriate.
Then
500
150
I max
B
=
= 0.3mA
The minimum recommended IOUT for AL8400 is 0.3mA and the maximum VBE, according to the DNLS320E datasheet graph,
is approximately 0.8V at -55°C.
From these the maximum allowed bias resistor value is:
0003
.
0
0003
.
0
2
.
0
8
.
0
6
.
7
R max
B
+
=
= 11k
To ensure that the output capability of the AL8400 is not exceeded at maximum VIN, maximum hFE and minimum VBE, these
values should be substituted back into the RB equation to determine the minimum allowable value for RB.
hFEmax is about 1200 @ IC = 100mA, and a temperature of 85˚C which results in:
1200
150
I min
B
=
= 0.125mA


Similar Part No. - AL8400

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8400 DIODES-AL8400 Datasheet
138Kb / 8P
   The sense resistor R2 of 300m sets the LEDs nominal current at 150mA.
AL8400 DIODES-AL8400 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
AL8400EV1 DIODES-AL8400EV1 Datasheet
138Kb / 8P
   The sense resistor R2 of 300m sets the LEDs nominal current at 150mA.
AL8400Q DIODES-AL8400Q Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
AL8400QSE-7 DIODES-AL8400QSE-7 Datasheet
419Kb / 13P
   LINEAR LED DRIVER-CONTROLLER with 200mV CURRENT SENSE VOLTAGE and AUTOMOTIVE GRADE
August 2012
More results

Similar Description - AL8400

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL1771 DIODES-AL1771 Datasheet
622Kb / 24P
   PFC CONTROLLER SINGLE/DUAL DIMMABLE LINEAR LED DRIVER
logo
ON Semiconductor
CS8127 ONSEMI-CS8127 Datasheet
73Kb / 8P
   5V Linear Controller/Driver
December, 2001 - Rev. 3
CS8128 ONSEMI-CS8128 Datasheet
68Kb / 8P
   5V Linear Controller/Driver
December, 2001 - Rev. 7
logo
Cherry Semiconductor Co...
CS8127 CHERRY-CS8127 Datasheet
163Kb / 6P
   5V Linear Controller/Driver
CS8128 CHERRY-CS8128 Datasheet
166Kb / 6P
   5V Linear Controller/Driver
logo
E-CMOS Corporation
EC4216 E-CMOS-EC4216 Datasheet
372Kb / 5P
   Linear LED Driver
logo
Diodes Incorporated
AL5815 DIODES-AL5815 Datasheet
303Kb / 12P
   60V LINEAR LED CONTROLLER
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
   LED DRIVER CONTROLLER
logo
Mean Well Enterprises C...
SLD-80 MEANWELL-SLD-80 Datasheet
525Kb / 6P
   80W Linear LED Driver
SLD-50 MEANWELL-SLD-50 Datasheet
526Kb / 6P
   50W linear LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com