Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFY9240 Datasheet(PDF) 1 Page - Seme LAB

Part # IRFY9240
Description  P-Channel MOSFET in a Hermetically sealed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

IRFY9240 Datasheet(HTML) 1 Page - Seme LAB

  IRFY9240 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IRFY9240
V
DSS = 200V
I
D = 9.4A
R
DS(ON) = 0.51Ω
All Semelab hermetically sealed products can be
processed in accordance with the requirements
of BS, CECC and JAN, JANTX, JANTXV and
JANS specifications.
Parameter
Min.
Typ.
Max.
Units
V
DSS
Drain – Source Breakdown Voltage
200
V
I
D
Continuous Drain Current
9.4
A
P
D
Power Dissipation
100
W
R
DS(ON)
Static Drain – Source On–State Resistance
0.51
C
ISS
Input Capacitance
1200
pF
Q
g
Total Gate Charge
60
nC
t
td(on)
Turn–On Delay Time
35
ns
t
tr
Rise Time
85
ns
t
td(off)
Turn–Off Delay Time
85
ns
t
f
Fall Time
65
ns
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
13-Sep-02
TO257AB (TO220M)
PINOUTS
1 – Gate
2 – Drain
Case – Source
P-Channel MOSFET in
a Hermetically sealed
TO257AB Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
2.54 (0.1)
BSC
3.70 Dia. Nom
1 2 3
0.8
(0.03)
2.70
(0.106)
1.0
(0.039)
4.6 (0.18)
10.6 (0.42)


Similar Part No. - IRFY9240

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY9240 IRF-IRFY9240 Datasheet
270Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-9.4A)
IRFY9240C IRF-IRFY9240C Datasheet
148Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA
logo
Seme LAB
IRFY9240C SEME-LAB-IRFY9240C Datasheet
15Kb / 1P
   P-Channel MOSFET in a Hermetically sealed
logo
International Rectifier
IRFY9240C IRF-IRFY9240C Datasheet
148Kb / 7P
   Simple Drive Requirements
IRFY9240CM IRF-IRFY9240CM Datasheet
270Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-9.4A)
More results

Similar Description - IRFY9240

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFY9130M SEME-LAB-IRFY9130M Datasheet
15Kb / 1P
   P-Channel MOSFET in a Hermetically sealed
IRFY9120C SEME-LAB-IRFY9120C Datasheet
15Kb / 1P
   P-Channel MOSFET in a Hermetically sealed
IRFY9140X SEME-LAB-IRFY9140X Datasheet
15Kb / 1P
   P-Channel MOSFET in a Hermetically sealed
IRFY9130C SEME-LAB-IRFY9130C Datasheet
15Kb / 1P
   P-Channel MOSFET in a Hermetically sealed
IRFY9240C SEME-LAB-IRFY9240C Datasheet
15Kb / 1P
   P-Channel MOSFET in a Hermetically sealed
IRFF9230 SEME-LAB-IRFF9230 Datasheet
16Kb / 1P
   P-Channel MOSFET in a Hermetically sealed TO39
IRFF9210 SEME-LAB-IRFF9210 Datasheet
16Kb / 1P
   P-Channel MOSFET in a Hermetically sealed TO39
IRFF9130 SEME-LAB-IRFF9130 Datasheet
16Kb / 1P
   P-Channel MOSFET in a Hermetically sealed TO39
IRFF9220 SEME-LAB-IRFF9220 Datasheet
16Kb / 1P
   P-Channel MOSFET in a Hermetically sealed TO39
IRFF9024 SEME-LAB-IRFF9024 Datasheet
16Kb / 1P
   P-Channel MOSFET in a Hermetically sealed TO39
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com