Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-MD Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-MD
Description  ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MD Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-MD Datasheet HTML 7Page - IC-Haus GmbH IC-MD Datasheet HTML 8Page - IC-Haus GmbH IC-MD Datasheet HTML 9Page - IC-Haus GmbH IC-MD Datasheet HTML 10Page - IC-Haus GmbH IC-MD Datasheet HTML 11Page - IC-Haus GmbH IC-MD Datasheet HTML 12Page - IC-Haus GmbH IC-MD Datasheet HTML 13Page - IC-Haus GmbH IC-MD Datasheet HTML 14Page - IC-Haus GmbH IC-MD Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
preliminary
preliminary
iC-MD RS-422 QUADRATURE
ENCODER RECEIVER/COUNTER WITH SPI AND BiSS
Rev A1, Page 11/23
48 BIT COUNTER
iC-MD has a 48 bit counter configurable as from one
up to three counters with bit lengths from 16 to 48 bit.
Table 16 shows all the possible counters configuration.
The counter configuration is given by the registers
CNTCFG as shown in table 16. If it is configured with
more than one counter, the input stage must be set to
TTL (table 12).
CNTCFG
Addr. 0x00; bit (2:0)
000
Code
Counter Configuration
000
1x24 bit counter
001
2x24 bit counter
010
1x48 bit counter
100
1x32 bit counter
101
1x32 bit + 1x16 bit counter
011
1x16 bit counter
110
2x16 bit counter
111
3x16 bit counter
Table 16: Counter Length
The 48 bit register of the AB counter is also used as
"SPI data channel" for data exchanging between SPI
and BiSS interface, for that purpose the bit CH0SEL
(table 45) must be set to 1. When CH0SEL = 1, the
counting function for all the counters is deactivated.
Index Signal (Z)
In default operation configuration, the index signal (Z)
is active when A = B = 1, as shown in table 17 with
EXCH = 0 and INVZ = 0. All other configurations are
also possible.
CFGZ
Addr. 0x01; bit (4:3)
00
Code
Function:
00
Z active: when A = 1 B = 1
01
Z active: when A = 1 B = 0
10
Z active: when A = 0 B = 1
11
Z active: when A = 0 B = 0
Table 17: Index Signal Configuration
It can also be deactivated the clearing of counter by
the index signal with the configuration bit CBZ ( table
18 ).
The CBZ configuration is only applicable after the sec-
ond index pulse after power-on or the activation of
ZCEN (table 23), because after it, the iC-MD will reset
the counter value by the firsts two index pulse, inde-
pendently of the CBZ configuration, in order to have
the AB Counter value referenced to the second index
pulse. By default, CBZ is set to 0, also the counters
are not reset to 0 by the index signal. But the firsts two
Index pulse always reset the counters.
CBZ
Addr. 0x01; bit (6:5)
00
Code
Function
x1
CNT0 cleared by Z0 signal
1x
CNT1 cleared by Z1 signal
Table 18: Clear by Z


Similar Part No. - IC-MD

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MD ICHAUS-IC-MD Datasheet
622Kb / 30P
   48-BIT QUADRATURE COUNTER
IC-MD ICHAUS-IC-MD_17 Datasheet
622Kb / 30P
   48-BIT QUADRATURE COUNTER
More results

Similar Description - IC-MD

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588_10 Datasheet
100Kb / 11P
   Receiver with SPI Interface
logo
IC-Haus GmbH
IC-MCW ICHAUS-IC-MCW Datasheet
1Mb / 22P
   BiSS WATCHDOG FOR RS422 WITH SPI
logo
TRINAMIC Motion Control...
TMCM-323 TRINAMIC-TMCM-323 Datasheet
474Kb / 1P
   3-Axis Encoder Interface with SPI
logo
IC-Haus GmbH
IC-MCB ICHAUS-IC-MCB Datasheet
1Mb / 28P
   SPI-TO-BiSS BRIDGE WITH RS422 TRANSCEIVER
IC-LNB ICHAUS-IC-LNB_13 Datasheet
1Mb / 35P
   18-BIT OPTO ENCODER WITH SPI AND SER/PAR INTERFACES
IC-LNB ICHAUS-IC-LNB Datasheet
471Kb / 2P
   18-BIT OPTICAL ENCODER WITH SPI AND SERIAL/PARALLEL OUTPUTS
IC-LNG ICHAUS-IC-LNG Datasheet
1Mb / 25P
   16-BIT OPTO ENCODER WITH SPI AND SERIAL /PARALLEL OUTPUTS
logo
Holt Integrated Circuit...
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
logo
IC-Haus GmbH
IC-PMX ICHAUS-IC-PMX Datasheet
973Kb / 27P
   ENERGY HARVESTING MULTITURN COUNTER/ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com